Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

E5GN-R03P-FLKAC/DC24 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E5GN-R03P-FLKAC/DC24
Description  Digital Temperature Controllers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5GN-R03P-FLKAC/DC24 Datasheet(HTML) 6 Page - Omron Electronics LLC

  E5GN-R03P-FLKAC/DC24 Datasheet HTML 1Page - Omron Electronics LLC E5GN-R03P-FLKAC/DC24 Datasheet HTML 2Page - Omron Electronics LLC E5GN-R03P-FLKAC/DC24 Datasheet HTML 3Page - Omron Electronics LLC E5GN-R03P-FLKAC/DC24 Datasheet HTML 4Page - Omron Electronics LLC E5GN-R03P-FLKAC/DC24 Datasheet HTML 5Page - Omron Electronics LLC E5GN-R03P-FLKAC/DC24 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
E5GN
E5GN
Wiring Terminals
• The voltage output (control output) is not electrically insulated
from the internal circuits. When using a grounding thermocou-
ple, do not connect the control output terminals to the ground.
If the control output terminals are connected to the ground,
errors will occur in the measured temperature values as a
result of leakage current.
• Standard insulation is applied to the power supply I/O
sections. If reinforced insulation is required, connect the input
and output terminals to a device without any exposed
current-carrying parts or to a device with standard insulation
suitable for the maximum operating voltage of the power
supply I/O section.
Analog input
Input power supply
Two input power supplies are available:
100 to 240 VAC or 24 VAC/VDC (no polarity).
Relay output
Voltage output
Alarm output
Control output
Cat. No. GCTC13
8/00
Specifications subject to change without notice.
Printed in U.S.A.
OMRON ELECTRONICS, INC.
One East Commerce Drive
Schaumburg, IL 60173
1-800-55-OMRON
OMRON CANADA, INC.
885 Milner Avenue
Scarborough, Ontario M1B 5V8
416-286-6465
R



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com