Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M28W320FSU70ZA6F Datasheet(PDF) 5 Page - STMicroelectronics

Part # M28W320FSU70ZA6F
Description  32Mbit (2Mb x16) and 64Mbit (4Mb x16) 3V Supply, Uniform Block, Secure Flash Memories
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M28W320FSU70ZA6F Datasheet(HTML) 5 Page - STMicroelectronics

  M28W320FSU70ZA6F Datasheet HTML 1Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 2Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 3Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 4Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 5Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 6Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 7Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 8Page - STMicroelectronics M28W320FSU70ZA6F Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 49 page
background image
5/49
M28W320FSU, M28W640FSU
SUMMARY DESCRIPTION
The M28W320FSU and the M28W640FSU are 32
Mbit (2Mbit x 16) and 64 Mbit (4Mbit x 16) Secure
Flash memories. The devices can be erased elec-
trically at block level and programmed in-system
on a Word-by-Word basis using a 2.7V to 3.6V
VDD supply for the circuitry and a 2.7V to 3.6V
VDDQ supply for the Input/Output pins. An optional
12V VPP power supply is provided to speed up
customer programming.
The M28W320FSU and M28W640FSU feature 32
Mbits and 64 Mbits respectively and are divided
into thirty-two and sixty-four 64-KWord Uniform
blocks, respectively. Refer to Figure 5. for a de-
tailed description of the devices memory architec-
ture and map.
All devices are equipped with hardware and soft-
ware block protection features to avoid unwanted
program/erase (modify) or read of the Flash mem-
ory content:
■
Hardware Protection:
–
When VPP ≤ VPPLK all blocks are
protected against program or erase.
■
Software Protection thanks to KRYPTO
Security Features:
–
Modify Protection: volatile and non-
volatile.
–
Read Protection.
The KRYPTO Security features are described in a
dedicated Application Note. Please contact STMi-
croelectronics for further details.
Two registers are available for protection purpose:
■
The Protection Register
■
The KRYPTO Protection Register.
The Protection Register is a 192 bit Protection
Register to increase the protection of a system de-
sign. The Protection Register is divided into a 64
bit segment and a 128 bit segment. The 64 bit seg-
ment contains a unique device number written by
ST, while the second one is one-time-programma-
ble by the user. The user programmable segment
can be permanently protected. Figure 6., shows
the Protection Register Memory Map.
The KRYPTO Protection Register is used to man-
age the Modify and Read protection modes. It also
features a Device Authentication mechanism. The
KRYPTO Protection Register is described in a
dedicated Application Note. Please contact STMi-
croelectronics for further details.
Each block can be erased separately. Erase can
be suspended in order to perform either read or
program in any other block and then resumed.
Program can be suspended to read data in any
other block and then resumed. Each block can be
programmed and erased over 100,000 cycles.
Program and Erase commands are written to the
Command Interface of the memory. An on-chip
Program/Erase Controller takes care of the tim-
ings necessary for program and erase operations.
The end of a program or erase operation can be
detected and any error conditions identified. The
command set required to control the memory is
consistent with JEDEC standards.
All the devices are offered in a TBGA64 (10 x
13mm) package. In addition to the standard ver-
sion, the package is also available in Lead-free
version, in compliance with JEDEC Std J-STD-
020B, the ST ECOPACK 7191395 Specification,
and the RoHS (Restriction of Hazardous Sub-
stances) directive. The package is compliant with
Lead-free soldering processes.
All devices are supplied with all the bits erased
(set to ’1’).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com