Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL50ZG Datasheet(PDF) 4 Page - Banner Engineering Corp.

Part # CL50ZG
Description  CL50 Universal AC Voltage Column Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

CL50ZG Datasheet(HTML) 4 Page - Banner Engineering Corp.

  CL50ZG Datasheet HTML 1Page - Banner Engineering Corp. CL50ZG Datasheet HTML 2Page - Banner Engineering Corp. CL50ZG Datasheet HTML 3Page - Banner Engineering Corp. CL50ZG Datasheet HTML 4Page - Banner Engineering Corp. CL50ZG Datasheet HTML 5Page - Banner Engineering Corp. CL50ZG Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Dimensions
Column Light Height (H)
Non-Audible
Standard Audible*
Sealed Audible
Omni-Directional
Sealed Audible
183.2mm (7.2 in)
214.3mm (8.4 in)
237.2mm (9.3 in)
251.2mm (9.9 in)
*Column Light (H) with top unscrewed approximately 3.5 mm to allow sound to escape
All measurements are listed in millimeters [inches], unless noted otherwise.
Accessories
Cordsets
4-Pin Micro-Style Cordsets—Single Ended
Model
Length
Style
Dimensions
Pinout (Female)
MQAC2-406
1.83 m (6 ft)
Straight
42 Typ.
ø 14.5
1/2-20 UNF-28
4
1
2
3
1 = Brown
2 = Blue
3 = Black
4 = White
MQAC2-415
4.57 m (15 ft)
MQAC2-430
9.14 m (30 ft)
5-Pin Micro-Style Cordsets
Model
Length
Style
Dimensions
Pinout
MQAC2-506
1.83 m (6 ft)
Straight
42 Typ.
ø 14.5
1/2-20 UNF-28
3
2
5
1
4
1 = Brown
2 = Blue
3 = White
4 = Black
5 = Gray
MQAC2-515
4.57 m (15 ft)
MQAC2-530
9.14 m (30 ft)
CL50 Universal AC Voltage Column Light
4
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 169424 Rev. G



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com