Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CL50ZGRYA Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # CL50ZGRYA
Description  CL50 Universal AC Voltage Column Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

CL50ZGRYA Datasheet(HTML) 1 Page - Banner Engineering Corp.

  CL50ZGRYA Datasheet HTML 1Page - Banner Engineering Corp. CL50ZGRYA Datasheet HTML 2Page - Banner Engineering Corp. CL50ZGRYA Datasheet HTML 3Page - Banner Engineering Corp. CL50ZGRYA Datasheet HTML 4Page - Banner Engineering Corp. CL50ZGRYA Datasheet HTML 5Page - Banner Engineering Corp. CL50ZGRYA Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
Multi-Color General Purpose or Audible Indicators
•
Rugged, cost-effective, and easy-to-install multi-color indicators
•
Illumination provides easy-to-see operator guidance and equipment status indication
•
1-, 2-, or 3 color models available
•
Available in black or light gray housing
•
Audible models available with standard, sealed, or omni-directional audible element
•
Continuous, pulsed, and staccato tones available
•
Compact devices are completely self-contained, no controller needed
•
100 V ac to 240 V ac operation
•
No assembly required
Non-Audible Models
Models1
# of LED
Colors
LED Colors 2
Connection3
Inputs
Color 1
Color 2
Color 3
CL50ZG
1
Green
-
-
4-wire
PVC cable
100 V ac to
240 V ac
CL50ZR
Red
-
-
CL50ZGR
2
Green
Red
-
CL50ZGRY
3
Green
Red
Yellow
Audible Models
Standard Audible Models 1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Color 1
Color 2
Color 3
CL50ZGA
1
Green
-
-
4-wire PVC cable
100 V ac to
240 V ac
CL50ZRA
Red
-
-
CL50ZGRA
2
Green
Red
-
CL50ZGRYA
3
Green
Red
Yellow
5-wire PVC cable
Sealed Audible Models 1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
Color 1
Color 2
Color 3
CL50ZGALS
CL50ZGALS3
CL50ZGALS4
1
Green
-
-
4-wire PVC cable
100 V ac to
240 V ac
CL50ZRALS
CL50ZRALS3
CL50ZRALS4
Red
-
-
CL50ZGRALS
CL50ZGRALS3
CL50ZGRALS4
2
Green
Red
-
CL50ZGRYALS
CL50ZGRYALS3
CL50ZGRYALS4
3
Green
Red
Yellow
5-wire PVC cable
1 Models with black housing are listed. For gray housing, add the suffix "C" at the end of the cabled model number or before the "QP" in 150 mm (6 in) PVC
cable with M12/Euro-style quick disconnect model numbers. For example, CL50ZGC or CL50ZGCQP.
2 Available colors include: Green (G), Red (R), Yellow (Y), Blue (B), and White (W). Contact Banner Engineering for other colors and color combinations.
3
•
To order the 150 mm (6 in) PVC cable model with a M12/Euro-style quick disconnect, add the suffix "QP" to the model number. For example,
CL50ZGQP.
•
Models with a quick disconnect require a mating cordset.
CL50 Universal AC Voltage Column Light
Original Document
169424 Rev. G
7 May 2019
169424


Similar Part No. - CL50ZGRYA

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
CL50 BANNER-CL50 Datasheet
950Kb / 6P
CL50 Column Light
logo
Raltron Electronics Cor...
CL5032 RALTRON-CL5032 Datasheet
334Kb / 3P
LVDS SURFACE MOUNT CLOCK OSCILLATOR
logo
Wabash Transformer Inc.
CL50AW00-0CT WABASH-CL50AW00-0CT Datasheet
834Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
CL50AW01-000 WABASH-CL50AW01-000 Datasheet
853Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Inherently Energy Limited
CL50AW01-0CT WABASH-CL50AW01-0CT Datasheet
834Kb / 2P
Class 2 UL5085-3 Transformer 40VA - 50VA, Core 7/8', Non-Inherently Energy Limited
More results

Similar Description - CL50ZGRYA

ManufacturerPart #DatasheetDescription
logo
Delta Electronics, Inc.
DRL-24V120W1AX DELTA-DRL-24V120W1AX Datasheet
779Kb / 15P
Universal AC input voltage
DRL-48V120W1AX DELTA-DRL-48V120W1AX Datasheet
781Kb / 15P
Universal AC input voltage
DRP012V015W1AX DELTA-DRP012V015W1AX Datasheet
1Mb / 12P
Universal AC input voltage
DRP024V060W1BX DELTA-DRP024V060W1BX Datasheet
1Mb / 15P
Universal AC input voltage range
DRP024V060W1NX DELTA-DRP024V060W1NX Datasheet
1Mb / 14P
Universal AC input voltage
logo
Banner Engineering Corp...
CL50 BANNER-CL50 Datasheet
950Kb / 6P
CL50 Column Light
TL50Z BANNER-TL50Z Datasheet
805Kb / 6P
TL50Z Universal AC Voltage Tower Light
TL50HZ BANNER-TL50HZ Datasheet
793Kb / 6P
TL50HZ High Brightness Universal AC Voltage Tower Light
TL50CZ BANNER-TL50CZ Datasheet
828Kb / 6P
TL50CZ Compact Universal AC Voltage Tower Light
TL50BLZ BANNER-TL50BLZ Datasheet
843Kb / 6P
TL50BLZ Beacon Universal AC Voltage Tower Light
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com