Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL50ZGRALS Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # TL50ZGRALS
Description  TL50Z Universal AC Voltage Tower Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

TL50ZGRALS Datasheet(HTML) 1 Page - Banner Engineering Corp.

  TL50ZGRALS Datasheet HTML 1Page - Banner Engineering Corp. TL50ZGRALS Datasheet HTML 2Page - Banner Engineering Corp. TL50ZGRALS Datasheet HTML 3Page - Banner Engineering Corp. TL50ZGRALS Datasheet HTML 4Page - Banner Engineering Corp. TL50ZGRALS Datasheet HTML 5Page - Banner Engineering Corp. TL50ZGRALS Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Datasheet
Multi-Color General-Purpose or Audible Indicators
•
Rugged, cost-effective, and easy-to-install multi-segment indicators
•
Illuminated segments provide easy-to-see operator guidance and indication of
equipment status
•
Displays up to 5 colors
•
Available in black or light gray housing
•
Audible models available with standard, sealed, or omni-directional audible
element
•
Compact devices are completely self-contained, no controller needed
•
100 V ac to 240 V ac operation
•
No assembly required
Non-Audible Models
Model 1
# of LED Colors
LED Colors 2
Connection 3
Inputs
TL50ZR
1
Red
4-wire PVC cable
100 V ac to 240 V ac
TL50ZGR
2
Green, Red
TL50ZGYR
3
Green, Yellow, Red
TL50ZBGYR
4
Blue, Green, Yellow, Red
5-wire PVC cable
TL50ZWBGYR
5
White, Blue, Green, Yellow, Red
6-wire PVC cable
Audible Models
Standard Audible Model1
# of LED Colors
LED Colors 2
Connection 3
Inputs
TL50ZRA
1
Red
4-wire PVC cable
100 V ac to 240 V ac
TL50ZGRA
2
Green, Red
TL50ZGYRA
3
Green, Yellow, Red
5-wire PVC cable
TL50ZBGYRA
4
Blue, Green, Yellow, Red
6-wire PVC cable
Sealed Audible Model 1
# of LED
Colors
LED Colors 2
Connection 3
Inputs
Continuous
Pulsed at 1.6 Hz
Staccato
TL50ZRALS
TL50ZRALS3
TL50ZRALS4
1
Red
4-wire PVC cable
100 V ac to
240 V ac
TL50ZGRALS
TL50ZGRALS3
TL50ZGRALS4
2
Green, Red
TL50ZGYRALS
TL50ZGYRALS3
TL50ZGYRALS4
3
Green, Yellow, Red
5-wire PVC cable
TL50ZBGYRALS
TL50ZBGYRALS3
TL50ZBGYRALS4
4
Blue, Green, Yellow, Red
6-wire PVC cable
1 Models with black housing are listed. For gray housing, add the suffix "C" at the end of the cabled model number or before the "QP" in 150 mm (6 in) PVC
cable model numbers. For example, TL50ZRC or TL50ZRCQP.
2 The first color listed is the bottom color, going up in successive order. Other available colors include: Turquoise (T), Orange (O), Violet (V), Sky Blue (S) and
Magenta (M). Four color options are only available in audible cabled models. Five color options are only available in non-audible cabled models.
3
•
To order the 150 mm (6 in) PVC cable model, add the suffix "QP" to the model number. For example, TL50ZRQP.
•
Models with a quick disconnect require a mating cordset.
TL50Z Universal AC Voltage Tower Light
Original Document
169421 Rev. J
6 May 2019
169421


Similar Part No. - TL50ZGRALS

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
TL50 BANNER-TL50 Datasheet
1Mb / 8P
TL50 Tower Light
logo
Texas Instruments
TL500 TI-TL500 Datasheet
348Kb / 23P
PULSE-WIDTH-MODULATION CONTROL CIRCUITS
logo
Bookham, Inc.
TL5000DCJ BOOKHAM-TL5000DCJ Datasheet
504Kb / 7P
LambdaFLEX??iTLA
TL5000DLJ BOOKHAM-TL5000DLJ Datasheet
176Kb / 7P
LambdaFLEX??iTLA TL5000 Integrable Tunable Laser Assembly
TL5000VCJ BOOKHAM-TL5000VCJ Datasheet
274Kb / 7P
LambdaFLEX??iTLA Integrable Tunable Laser Assembly with variable output power
More results

Similar Description - TL50ZGRALS

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
CL50 BANNER-CL50_V01 Datasheet
673Kb / 6P
CL50 Universal AC Voltage Column Light
TL50HZ BANNER-TL50HZ Datasheet
793Kb / 6P
TL50HZ High Brightness Universal AC Voltage Tower Light
TL50CZ BANNER-TL50CZ Datasheet
828Kb / 6P
TL50CZ Compact Universal AC Voltage Tower Light
TL50BLZ BANNER-TL50BLZ Datasheet
843Kb / 6P
TL50BLZ Beacon Universal AC Voltage Tower Light
logo
M-System Co.,Ltd.
ITPL MSYSTEM-ITPL Datasheet
91Kb / 2P
Tower Light Series
IT60SRC MSYSTEM-IT60SRC Datasheet
203Kb / 5P
Tower Light Series
IT60RE MSYSTEM-IT60RE Datasheet
210Kb / 5P
ETHERNET TOWER LIGHT
IT50SW6F MSYSTEM-IT50SW6F Datasheet
435Kb / 10P
WIRELESS TOWER LIGHT
IT50SW5F MSYSTEM-IT50SW5F Datasheet
590Kb / 10P
WIRELESS TOWER LIGHT
IT40SW6F MSYSTEM-IT40SW6F Datasheet
428Kb / 10P
WIRELESS TOWER LIGHT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com