Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SH32F104F631CT Datasheet(PDF) 6 Page - WALSIN TECHNOLOGY CORPORATION

Part # SH32F104F631CT
Description  Soft Termination Series
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALSIN [WALSIN TECHNOLOGY CORPORATION]
Direct Link  http://www.passivecomponent.com/
Logo WALSIN - WALSIN TECHNOLOGY CORPORATION

SH32F104F631CT Datasheet(HTML) 6 Page - WALSIN TECHNOLOGY CORPORATION

Back Button SH32F104F631CT Datasheet HTML 2Page - WALSIN TECHNOLOGY CORPORATION SH32F104F631CT Datasheet HTML 3Page - WALSIN TECHNOLOGY CORPORATION SH32F104F631CT Datasheet HTML 4Page - WALSIN TECHNOLOGY CORPORATION SH32F104F631CT Datasheet HTML 5Page - WALSIN TECHNOLOGY CORPORATION SH32F104F631CT Datasheet HTML 6Page - WALSIN TECHNOLOGY CORPORATION SH32F104F631CT Datasheet HTML 7Page - WALSIN TECHNOLOGY CORPORATION SH32F104F631CT Datasheet HTML 8Page - WALSIN TECHNOLOGY CORPORATION SH32F104F631CT Datasheet HTML 9Page - WALSIN TECHNOLOGY CORPORATION SH32F104F631CT Datasheet HTML 10Page - WALSIN TECHNOLOGY CORPORATION Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 27 page
background image
Multilayer Ceramic Capacitors
Approval Sheet
Page 6 of 27
ASC_Soft termination_(SH)_020O_DS
Jun. 2019
NP0 Dielectric 1206 Size
DIELECTRIC
NP0
SIZE
1206
RATED VOLTAGE
(VDC)
10
16
25
50
100
200
250
500
630
1000
1500
2000
1.0pF (1R0)
1.2pF (1R2)
B
B
B
B
B
1.5pF (1R5)
B
B
B
B
B
B
B
B
B
B
B
B
1.8pF (1R8)
B
B
B
B
B
B
B
B
B
B
B
B
2.2pF (2R2)
B
B
B
B
B
B
B
B
B
B
B
B
2.7pF (2R7)
B
B
B
B
B
B
B
B
B
B
B
B
3.3pF (3R3)
B
B
B
B
B
B
B
B
B
B
B
B
3.9pF (3R9)
B
B
B
B
B
B
B
B
B
B
B
B
4.7pF (4R7)
B
B
B
B
B
B
B
B
B
B
B
B
5.6pF (5R6)
B
B
B
B
B
B
B
B
B
B
B
B
6.8pF (6R8)
B
B
B
B
B
B
B
B
B
B
B
B
8.2pF (8R2)
B
B
B
B
B
B
B
B
B
B
B
B
10pF (100)
B
B
B
B
B
B
B
B
B
B
B
B
12pF (120)
B
B
B
B
B
B
B
B
B
B
B
B
15pF (150)
B
B
B
B
B
B
B
B
B
B
B
B
18pF (180)
B
B
B
B
B
B
B
B
B
B
B
B
22pF (220)
B
B
B
B
B
B
B
B
B
B
B
B
27pF (270)
B
B
B
B
B
B
B
B
B
B
B
B
33pF (330)
B
B
B
B
B
B
B
B
B
B
C
C
39pF (390)
B
B
B
B
B
B
B
B
B
B
C
C
47pF (470)
B
B
B
B
B
B
B
B
B
C
C
C
56pF (560)
B
B
B
B
B
B
B
B
B
C
D
D
68pF (680)
B
B
B
B
B
B
B
B
B
C
D
D
82pF (820)
B
B
B
B
B
B
B
B
B
D
D
D
100pF (101)
B
B
B
B
B
B
B
B
B
D
D
D
120pF (121)
B
B
B
B
B
B
B
B
B
D
G
G
150pF (151)
B
B
B
B
B
B
B
B
B
D
G
G
180pF (181)
B
B
B
B
B
B
B
B
B
G
G
G
220pF (221)
B
B
B
B
B
B
B
B
B
G
G
G
270pF (271)
B
B
B
B
B
B
C
C
C
G
P
P
330pF (331)
B
B
B
B
B
B
C
C
C
G
P
P
390pF (391)
B
B
B
B
B
B
C
C
C
G
P
P
470pF (471)
B
B
B
B
B
C
C
C
C
G
560pF (561)
B
B
B
B
B
C
D
D
D
G
680pF (681)
B
B
B
B
B
C
D
D
D
G
820pF (821)
B
B
B
B
B
C
G
G
G
G
1,000pF (102)
B
B
B
B
B
C
G
G
G
G
1,200pF (122)
B
B
B
B
B
C
G
G
G
1,500pF (152)
B
B
B
B
B
D
G
G
G
1,800pF (182)
B
B
B
B
B
D
G
G
G
2,200pF (222)
B
B
B
B
B
D
G
G
G
2,700pF (272)
B
B
B
B
B
D
G
G
G
3,300pF (332)
B
B
B
B
B
D
G
G
G
3,900pF (392)
B
B
B
B
B
D
G
G
G
4,700pF (472)
B
B
B
B
B
D
G
G
G
5,600pF (562)
B
B
B
B
B
6,800pF (682)
C
C
C
C
C
8,200pF (822)
D
D
D
D
D
0.010
µF (103)
D
D
D
D
D
0.012
µF (123)
P
P
P
P
P
0.015
µF (153)
P
P
P
P
P
0.018
µF (183)
P
P
P
P
P
0.022
µF (223)
P
P
P
P
P
0.027
µF (273)
P
P
P
P
0.033
µF (333)
P
P
P
P
0.039
µF (393)
P
P
P
P
1. The letter in cell is expressed the symbol of product thickness.
2. For more information about products with special capacitance or other data, please contact WTC local representative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com