Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6900CS5 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6900CS5
Description  Low Power, 1kHz to 20MHz Resistor Set SOT-23 Oscillator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6900CS5 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6900CS5 Datasheet HTML 2Page - Linear Technology LTC6900CS5 Datasheet HTML 3Page - Linear Technology LTC6900CS5 Datasheet HTML 4Page - Linear Technology LTC6900CS5 Datasheet HTML 5Page - Linear Technology LTC6900CS5 Datasheet HTML 6Page - Linear Technology LTC6900CS5 Datasheet HTML 7Page - Linear Technology LTC6900CS5 Datasheet HTML 8Page - Linear Technology LTC6900CS5 Datasheet HTML 9Page - Linear Technology LTC6900CS5 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC6900
6
6900f
THEORY OF OPERATIO
As shown in the Block Diagram, the LTC6900’s master
oscillator is controlled by the ratio of the voltage between
the V+ and SET pins and the current (IRES) is entering the
SET pin. The voltage on the SET pin is forced to approxi-
mately 1.1V below V+ by the PMOS transistor and its gate
bias voltage. This voltage is accurate to
±8%ataparticular
input current and supply voltage (see Figure 1).
A resistor RSET, connected between the V+ and SET pins,
“locks together” the voltage (V+ – VSET) and current, IRES,
variation. This provides the LTC6900’s high precision. The
master oscillation frequency reduces to:
ƒ=


MO
SET
MHz
k
R
10
20
The LTC6900 is optimized for use with resistors between
10k and 2M, corresponding to master oscillator frequen-
cies between 100kHz and 20MHz.
To extend the output frequency range, the master oscilla-
tor signal may be divided by 1, 10 or 100 before driving
OUT (Pin 5). The divide-by value is determined by the state
of the DIV input (Pin 4). Tie DIV to GND or drive it below
DESIRED OUTPUT FREQUENCY (Hz)
10
100
1k
100k
1M
10M
6900 F02
1
10k
10000
1000
100M
÷100
÷10
÷1
Figure 2. RSET vs Desired Output Frequency
0.5V to select
÷1. This is the highest frequency range, with
the master output frequency passed directly to OUT. The
DIV pin may be floated or driven to midsupply to select
÷10, the intermediate frequency range. The lowest fre-
quency range,
÷100, is selected by tying DIV to V+ or
driving it to within 0.4V of V+. Figure 2 shows the relation-
ship between RSET, divider setting and output frequency,
including the overlapping frequency ranges near 100kHz
and 1MHz.
The CMOS output driver has an on resistance that is
typically less than 100
Ω. In the ÷1 (high frequency) mode,
the rise and fall times are typically 7ns with a 5V supply and
11ns with a 3V supply. These times maintain a clean
square wave at 10MHz (20MHz at 5V supply). In the
÷10
and
÷100 modes, where the output frequency is much
lower, slew rate control circuitry in the output driver
increases the rise/fall times to typically 14ns for a 5V
supply and 19ns for a 3V supply. The reduced slew rate
lowers EMI (electromagnetic interference) and supply
bounce.
IRES (µA)
1
0.1
0.8
1.2
1.3
1.4
10
100
1000
6900 F01
1.1
1.0
0.9
V+ = 5V
V+ = 3V
Figure 1. V+ – VSET Variation with IRES



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com