Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4244IGN-1 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC4244IGN-1
Description  Rugged, CompactPCI Bus Hot Swap Controllers
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4244IGN-1 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC4244IGN-1 Datasheet HTML 2Page - Linear Technology LTC4244IGN-1 Datasheet HTML 3Page - Linear Technology LTC4244IGN-1 Datasheet HTML 4Page - Linear Technology LTC4244IGN-1 Datasheet HTML 5Page - Linear Technology LTC4244IGN-1 Datasheet HTML 6Page - Linear Technology LTC4244IGN-1 Datasheet HTML 7Page - Linear Technology LTC4244IGN-1 Datasheet HTML 8Page - Linear Technology LTC4244IGN-1 Datasheet HTML 9Page - Linear Technology LTC4244IGN-1 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
LTC4244/LTC4244-1
42441f
5VOUT Powergood Threshold
Voltage vs Temperature
3.3VOUT Powergood Threshold
Voltage vs Temperature
Gate Pin Current vs Temperature
Gate Pin Fault Current vs
Temperature
Timer Pin On Current vs
Temperature
Timer Pin Off Current vs
Temperature
Timer Threshold Voltage vs
Temperature
Discharge Resistance vs
Temperature
VOL vs Temperature
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G19
100
4.603
4.602
4.601
4.599
4.600
4.598
4.597
4.594
4.595
4.596
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G20
100
2.902
2.901
2.900
2.898
2.899
2.897
2.896
2.894
2.895
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G21
100
80
60
40
0
20
–20
–40
–80
–60
OFF/ON = 0V
OFF/ON = 4V
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G22
100
16
14
12
8
10
6
4
0
2
FAULT = 0V
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G23
100
20.30
20.25
20.20
20.15
20.10
20.05
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G24
100
60
50
40
20
30
10
0
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G25
100
1.66
1.64
1.62
1.60
1.58
1.56
1.52
1.54
1.50
1.48
1.46
12VIN – VTIMER
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G26
100
700
600
500
300
400
200
100
0
12VOUT
VEEOUT
3.3VOUT
5VOUT
TEMPERATURE (
°C)
–50
–25
0
25
75
50
4244 G27
100
250
150
200
100
50
0
RESETOUT
PWRGD
FAULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com