Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BUJD103AD Datasheet(PDF) 5 Page - WeEn Semiconductors

Part # BUJD103AD
Description  Silicon diffused power transistor
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BUJD103AD Datasheet(HTML) 5 Page - WeEn Semiconductors

  BUJD103AD Datasheet HTML 1Page - WeEn Semiconductors BUJD103AD Datasheet HTML 2Page - WeEn Semiconductors BUJD103AD Datasheet HTML 3Page - WeEn Semiconductors BUJD103AD Datasheet HTML 4Page - WeEn Semiconductors BUJD103AD Datasheet HTML 5Page - WeEn Semiconductors BUJD103AD Datasheet HTML 6Page - WeEn Semiconductors BUJD103AD Datasheet HTML 7Page - WeEn Semiconductors BUJD103AD Datasheet HTML 8Page - WeEn Semiconductors BUJD103AD Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
BUJ103AD
Silicon diffused power transistor
VIM = 6 V to +8 V; VCC = 250 V; tp =20 s;
 =t
p/T = 0.01.
RB and RL calculated from ICon and IBon requirements.
Fig 5. Test circuit for resistive load switching
Fig 6. Switching times waveforms for resistive load
VCC = 300 V; VBB = 5 V; LC = 200 H; LB = 1 H.
Fig 7. Test circuit for inductive load switching
Fig 8. Switching times waveforms for inductive load
001aab989
tp
RB
VIM
0
RL
DUT
VCC
T
001aab990
IC
IB
10 %
10 %
90 %
90 %
ton
toff
ts
tf
t
t
IBon
−IBoff
ICon
tr ≤ 30 ns
001aab991
VCC
LC
DUT
LB
IBon
VBB
001aab992
IC
IB
90 %
toff
IBon
ts
tf
t
t
−IBoff
ICon
10 %
WeEn Semiconductors
BUJ103AD
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2016. All rights reserved
Product data sheet
Rev.3 18 October 2016
5 / 10



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com