Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BYC10-600CT Datasheet(PDF) 5 Page - WeEn Semiconductors

Part # BYC10-600CT
Description  Dual rectifier diode ultrafast, low switching loss
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BYC10-600CT Datasheet(HTML) 5 Page - WeEn Semiconductors

  BYC10-600CT Datasheet HTML 1Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 2Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 3Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 4Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 5Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 6Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 7Page - WeEn Semiconductors BYC10-600CT Datasheet HTML 8Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
WeEn Semiconductors
Product specification
Rectifier diode
BYC10-600CT
ultrafast, low switching loss
Fig.9. Definition of reverse recovery parameters t
rr, Irrm
Fig.10. Typical forward recovery voltage per diode, V
fr
as a function of rate of change of current dI
F/dt.
Fig.11. Definition of forward recovery voltage V
fr
Fig.12. Typical and maximum forward characteristic
per diode, I
F = f(VF); Tj = 25˚C and 150˚C.
Fig.13. Typical reverse leakage current per diode as
a function of reverse voltage. I
R = f(VR); parameter Tj
Fig.14. Maximum thermal impedance per diode,
Z
th j-mb as a function of pulse width.
Q
s
100%
10%
time
dI
dt
F
I
R
I
F
I
rrm
t
rr
012
34
0
2
4
6
8
10
BYC5-600
Forward voltage, VF (V)
Forward current, IF (A)
max
typ
Tj = 25 C
Tj = 150 C
0
50
100
150
200
0
5
10
15
20
BYC5-600
Tj = 25 C
Rate of change of current, dIF/dt (A/ s)
Peak forward recovery voltage, Vfr (V)
typ
IF = 10 A
0
100
200
300
400
500
600
1uA
10uA
100uA
1mA
10mA
100mA
BYC5-600
Reverse voltage (V)
Reverse leakage current (A)
Tj = 125 C
100 C
75 C
50 C
25 C
time
time
V F
V
fr
V F
I
F
1us
10us
100us
1ms
10ms
100ms
1s
10s
0.001
0.01
0.1
1
10
BYV29
pulse width, tp (s)
Transient thermal impedance, Zth j-mb (K/W)
D =
tp
tp
T
T
P
t
D
August 2018
4
Rev 1.
300



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com