Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS051 Datasheet(PDF) 5 Page - Microchip Technology

Part # PS051
Description  PowerInfo 2 Configuration Interface
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS051 Datasheet(HTML) 5 Page - Microchip Technology

  PS051 Datasheet HTML 1Page - Microchip Technology PS051 Datasheet HTML 2Page - Microchip Technology PS051 Datasheet HTML 3Page - Microchip Technology PS051 Datasheet HTML 4Page - Microchip Technology PS051 Datasheet HTML 5Page - Microchip Technology PS051 Datasheet HTML 6Page - Microchip Technology PS051 Datasheet HTML 7Page - Microchip Technology PS051 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
 2004 Microchip Technology Inc.
DS21815C-page 5
PS051
4.3
Bill of Materials
TABLE 4-1:
PS051 BILL OF MATERIALS
Symbols
Description
Manufacturer
Manufacturer PN
Qty.
Raw PCB, PowerInfo™ 2
Microchip
04-826159 Rev. 3.1
1
U1
Firmware Specification, PowerInfo™ 2 Main MCU
None
Document
Doc.
U2
Firmware Specification, PowerInfo™/PowerCal™ USB MCU
None
Document
Doc.
C10-C13
Capacitor, Ceramic, 22 pF, 50V, +/-5%, C0G dielectric, 0603
Panasonic
ECJ-1VC1H220J
4
C3-C4,
C17-C19
Capacitor, Ceramic, 100 nF, 25V, +80%/-20%, Y5V dielectric, 0603
Panasonic
ECJ-1VF1E104Z
5
C26
Capacitor, Ceramic, 220 nF, 25V, +/-10%, X7R dielectric, 0805
Panasonic
ECJ-2YB1E224K
1
C2, C20-C25 Capacitor, Ceramic, 1.0
µF, 25V, +/-10%, X7R dielectric, 1206
Panasonic
ECJ-3YB1E105K
7
C1
Capacitor, Ceramic, 100 nF, 50V, +/-10%, X7R dielectric, 1206
BC Components 1206B104K500BT
1
LED1-LED2,
PWR
LED, clear green, 1206 package
Lumex
SML-LX1206GC-TR
3
D2
Schottky Diode, 40V, 500 mA, SOT-23
Zetex
ZHCS500TA
1
D1
Dual Zener Diode, 5.6V +/- 5%, 300 mW, common-anode, SOT-23
Diodes Inc.
General Semi.
AZ23C5V6-7
AZ23-C5V6
1
ADR
Connector, shorting jumper, female, 2-position, 100 mil spacing, mates
with 25 mil square pins, 15-microinch gold over nickel
AMP
382811-6
2
TB1
Header, pluggable terminal block, 5.08 mm pitch x 5 positions,
12A/250V, right angle, closed end
Phoenix
1757271
1
U1, U2
IC socket, 28-pin DIP, 300 mil width
Mill-max
110-99-328-41-001
2
J2
Connector, coaxial power, female, 2.0 mm center pin x 6.5 mm
sleeve, right angle PCB mount
Cui Stack
PJ-102A
1
TB2
Terminal block, PCB, 5.08 mm pitch x 2 positions, 16A/250V
Phoenix
1729128
1
V-, GND
Test point, 0.125" OD, for 0.062" hole, black
Keystone
5011
2
V+
Test point, 0.125" OD, for 0.062" hole, red
Keystone
5010
1
C, D, T
Test point, 0.125" OD, for 0.062" hole, white
Keystone
5012
3
J1
Connector, USB type B, right angle PCB mount, shielded
Mill-max
Molex
897-30-004-90-000000
67068-0000
1
Bumper, hemispherical, 0.44"D x 0.20"H, transparent plastic
3M
SJ-5303 (CLEAR)
4
ADR
Connector, break-apart PCB header, straight, 2-row x 36-pin, 100 x
100 mil spacing, 235 mil/100 mil/145 mil length, 25 mil square pins,
10-microinch gold
3M
929665-09-36-I
1
TB1
Pluggable terminal block, 5.08 mm pitch x 5 positions, 12A/250V
Phoenix
1757048
1
P1
Connector, DB9 right angle PCB mount, female sockets
Norcomp
182-009-212-531
1
Q1-Q3
MOSFET, P-channel, -30V, -1.1A, 0.2 ohms, SOT-23
Fairchild Semi.
NDS356AP
3
R18
Resistor, film, 0603, 1%, 1.18 kOhms
Panasonic
ERJ-3EKF1181V
1
R19
Resistor, film, 0603, 1%, 365 ohms
Panasonic
ERJ-3EKF3650V
1
R20-R21
Resistor, 0603, zero ohm
Panasonic
ERJ-3GEY0R00V
2
R8
Resistor, film, 0603, 5%, 1.5 kOhms
Panasonic
ERJ-3GEYJ152V
1
R9-R10
Resistor, film, 0603, 5%, 10 kOhms
Panasonic
ERJ-3GEYJ103V
2
R22
Resistor, film, 0603, 5%, 150 kOhms
Panasonic
ERJ-3GEYJ154V
1
R1-R7
Resistor, film, 0603, 5%, 47 kOhms
Panasonic
ERJ-3GEYJ473V
7
R16-R17
Resistor, film, 0603, 5%, 6.8 kOhms
Panasonic
ERJ-3GEYJ682V
2
R11-R13
Resistor, film, 0603, 5%, 680 ohms
Panasonic
ERJ-3GEYJ681V
3
R14-R15
Resistor, film, 2512, 5%, 330 ohms
Panasonic
ERJ-1TYJ331U
2
RST
Switch, SPST momentary tact, surface mount, 6 mm square,
4.3 mm high, 260 G-force
E-Switch
TL3301NF260QG
1
U1
IC, Microcontroller, 20 MHz, with Flash EEPROM, 28-pin/300 mil DIP,
0°C to 70°C
Microchip
PIC16F876-20/SP
1
U2
IC, Microcontroller, 24 MHz, with USB Interface, 28-pin/300 mil DIP,
-40°C to +85°C
Microchip
PIC16C745-I/SP
1
U4
IC, quad buffer with tri-state outputs, VHCMOS, SO-14, -40°C to +85°C Toshiba
TC74VHC125FN
1
U3
IC, RS-232 transceiver, SO-16, 0°C to 70°C
National Semi.
DS14C232CM
1
U5
IC, Linear Voltage Regulator, adjustable 1.2 - 37V output, 500 mA,
TO-252 package, 0°C to 125°C
National Semi.
LM317MDT
1
Y1
Crystal, 20.0000 MHz, 18 pF load capacitance, surface mount.
Citizen
CM309S20.000MABJTR
1
Y2
Crystal, 6.0000 MHz, 18 pF load capacitance, surface mount.
Citizen
CM309S6.000MABJTR
1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com