Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C16687 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C16687
Description  ~25째 wide beam
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C16687 Datasheet(HTML) 1 Page - Ledil, Inc.

  C16687 Datasheet HTML 1Page - Ledil, Inc. C16687 Datasheet HTML 2Page - Ledil, Inc. C16687 Datasheet HTML 3Page - Ledil, Inc. C16687 Datasheet HTML 4Page - Ledil, Inc. C16687 Datasheet HTML 5Page - Ledil, Inc. C16687 Datasheet HTML 6Page - Ledil, Inc. C16687 Datasheet HTML 7Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
PRODUCT
DATASHEET
C16687_ILONA-M
ILONA-M
~25° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 49.8 x mm
Height
29.7 mm
Fastening
socket
Colour
clear
Box size
480 x 280 x 300 mm
Box weight
11 kg
Quantity in Box
297 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ILONA-M
Single lens
PMMA
clear
Last update: 23/08/2019
Subject to change without prior notice
Published: 14/05/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/7


Similar Part No. - C16687

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C16685 LEDIL-C16685 Datasheet
7Mb / 3P
Adapter for ANGELA, ANGELINA, ANGELETTE, MOLLY and RONDA-A. Compatible with TE Z45 connector.
C16686 LEDIL-C16686 Datasheet
11Mb / 11P
~10째 spot beam
C16688 LEDIL-C16688 Datasheet
7Mb / 9P
~35째 wide beam
More results

Similar Description - C16687

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP13071 LEDIL-CP13071 Datasheet
2Mb / 5P
~25째 25째 rectangular beam
C15800 LEDIL-C15800 Datasheet
4Mb / 7P
~25째 spot beam
F15559 LEDIL-F15559_18 Datasheet
8Mb / 9P
~25째 wide beam. Compatible with LEDiL HEKLA.
CA14402 LEDIL-CA14402 Datasheet
2Mb / 5P
~25째 medium beam
F16364 LEDIL-F16364 Datasheet
5Mb / 5P
~25째 wide beam compatible with LEDiL HEKLA
CN16209 LEDIL-CN16209 Datasheet
7Mb / 6P
~25째 wide beam with holder
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
~25째 wide beam. Assembly with installation tape.
CP13666 LEDIL-CP13666 Datasheet
2Mb / 5P
~25째 diffused beam.
FP17002 LEDIL-FP17002 Datasheet
1Mb / 4P
~25째 wide beam
CP17589 LEDIL-CP17589 Datasheet
1Mb / 4P
~25째 wide beam
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com