Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C17266 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # C17266
Description  ~90째 wide beam for industrial applications. Variant made from PC.
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

C17266 Datasheet(HTML) 1 Page - Ledil, Inc.

  C17266 Datasheet HTML 1Page - Ledil, Inc. C17266 Datasheet HTML 2Page - Ledil, Inc. C17266 Datasheet HTML 3Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
PRODUCT
DATASHEET
C17266_STRADELLA-HB-W-PC
STRADELLA-HB-W-PC
~90° wide beam for industrial applications.
Variant made from PC.
TECHNICAL SPECIFICATIONS:
Dimensions
13.9 mm
Height
7.1 mm
Fastening
pin
Colour
clear
Box size
480 x 250 x 390 mm
Box weight
0 kg
Quantity in Box
16000 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
STRADELLA-HB-W-PC
Single lens
PC
clear
Last update: 23/09/2019
Subject to change without prior notice
Published: 23/09/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/3


Similar Part No. - C17266

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C17264 LEDIL-C17264 Datasheet
2Mb / 3P
~25째 spot beam for industrial applications. Variant made from PC.
C17265 LEDIL-C17265 Datasheet
2Mb / 3P
~60째 medium beam for industrial applications. Variant made from PC.
More results

Similar Description - C17266

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16324 LEDIL-CS16324 Datasheet
6Mb / 7P
~90째 wide beam. Variant made from PMMA.
CS16328 LEDIL-CS16328 Datasheet
6Mb / 6P
~30째 spot beam. Variant made from PC.
CS16330 LEDIL-CS16330 Datasheet
6Mb / 6P
~90째 wide beam. Variant made from PC.
C14406 LEDIL-C14406 Datasheet
1Mb / 4P
~50째 wide beam. Variant made from PC.
C17264 LEDIL-C17264 Datasheet
2Mb / 3P
~25째 spot beam for industrial applications. Variant made from PC.
C17265 LEDIL-C17265 Datasheet
2Mb / 3P
~60째 medium beam for industrial applications. Variant made from PC.
CS17090 LEDIL-CS17090 Datasheet
3Mb / 5P
~25째 medium beam. Variant made from PC.
CS17147 LEDIL-CS17147 Datasheet
4Mb / 5P
~90째 wide beam. Variant made from PC.
CS17149 LEDIL-CS17149 Datasheet
4Mb / 4P
~60째 wide beam. Variant made from PC
C17270 LEDIL-C17270 Datasheet
2Mb / 4P
~90째 beam. Variant from PC
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com