Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDIA70XD5-XQ Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # LEDIA70XD5-XQ
Description  High-Intensity Area Light
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDIA70XD5-XQ Datasheet(HTML) 2 Page - Banner Engineering Corp.

  LEDIA70XD5-XQ Datasheet HTML 1Page - Banner Engineering Corp. LEDIA70XD5-XQ Datasheet HTML 2Page - Banner Engineering Corp. LEDIA70XD5-XQ Datasheet HTML 3Page - Banner Engineering Corp. LEDIA70XD5-XQ Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Wiring
Wire Purpose
Cable Wire Color1
Continuous On
Mode
Strobed Mode
PresencePlus Pro Controller
Terminal Block
Power Wires
Brown (1)
+24 V dc
+24 V dc
Pin 012
Blue (3)
common
common
Pin 02
Strobe Polarity
Control
Gray (5)
open
Active Low: open
Open — Active Low
Active High: connect to common (Blue wire)
Pin 02 — Active High
Strobe Voltage
Wires
White (2)
open
0 V dc = ON (Active Low)
+5 V dc to 24 V dc = OFF (Active Low)
Pin 04
0 V dc = OFF (Active High)
+5 V dc to 24 V dc = ON (Active High)
Black (4)
open
Strobe common
Pin 02
(1) +24V dc
(3) Common
(5)Active High/Active Low
(4) Strobe Common
(2) Strobe (+)
Figure 1. Pinouts for Mating Cordsets
Light Intensity Adjustment
Adjust the light’s intensity by turning the 270° Intensity potentiometer with a small flat-blade screwdriver. Apply power to the light
and turn the potentiometer all the way clockwise for max. intensity. If the object to be sensed is too bright at max. intensity, turn
the potentiometer down a little at a time, testing with the object, until the correct brightness is achieved.
Specifications
Supply Voltage and Current
Operating Voltage: 24 V dc ±10%
Strobe Voltage: 5 V dc to 24 V dc at 15 mA maximum
Current Draw at Full Intensity: 500 mA max
Built-in constant current regulator for LEDs
Adjustable intensity control varies intensity for "P" models
Use only with a suitable Class 2 power supply (UL) or SELV power supply (CE)
Light Source
Five high-intensity LEDs; see models table for wavelengths
Illumination
610 mm (24 in) diameter usable light pattern at 1 m (3.28 ft)
Strobe
Optically isolated
Connections
Integral 5-pin M12/Euro-style quick disconnect, accessory cordset required
Construction
Enclosure rating: IP50 (when mounted using the two ¼ - 20 holes in back)
Housing: aluminum, black anodized
Window: acrylic, clear with frosted diffusing surface on inside
Useful Life
When operated within specifications, output will decrease less than 30%
after 50,000 hours for visible and IR Models; 20,000 hours for UV models
Operating Conditions
Temperature: 0 °C to +50 °C (+32 °F to +122 °F)
Humidity: 90% maximum relative humidity (non-condensing)
Certifications
Light Characteristics
Values shown are typical at 25 °C.
Lumens
mWatts
Cool White
Green
Red
Blue
IR
UV395
LEDxA70
555
435
215
160
1130
610
1 For Banner-supplied wire.
2 When connecting the light to a PresencePLUS Pro controller terminal block, the controller supply must be 24 V dc ± 10%.
LED..A70XD5-..High-Intensity Area Light
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 153956 Rev. F



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com