Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA401 Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # DTA401
Description  Bias Resistor Transistors
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA401 Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  DTA401 Datasheet HTML 1Page - First Silicon Co., Ltd DTA401 Datasheet HTML 2Page - First Silicon Co., Ltd DTA401 Datasheet HTML 3Page - First Silicon Co., Ltd DTA401 Datasheet HTML 4Page - First Silicon Co., Ltd DTA401 Datasheet HTML 5Page - First Silicon Co., Ltd DTA401 Datasheet HTML 6Page - First Silicon Co., Ltd DTA401 Datasheet HTML 7Page - First Silicon Co., Ltd DTA401 Datasheet HTML 8Page - First Silicon Co., Ltd DTA401 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
ICBO
-
-
100
nAdc
Collector-Emitter Cutoff Current (VCE = 50 V, IB = 0)
ICEO
-
-
500
nAdc
Emitter-Base Cutoff Current
(VEB = 6.0 V, IC = 0)
IEBO
0.2
0.2
0.1
1.9
2.3
0.13
0.18
0.13
0.05
0.5
4.3
1.5
mAdc
Collector-Base Breakdown Voltage (IC = 10µA, IE = 0)
V(BR)CBO
50
-
-
Vdc
Collector-Emitter Breakdown Voltage (Note 4.)
(IC = 2.0 mA, I = 0)
V(BR)CEO
50
-
-
Vdc
4. Pulse Test: Pulse Width < 300µs, Duty Cycle < 2.0%
ELECTRICAL CHARACTERISTICS (TA = 25 C unless otherwise noted)
Characteristic
Symbol
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
DTA403
DTA404
DTA407
DTA411
DTA417
DTA401
DTA406
DTA408
DTA405
DTA402
DTA410
DTA423
Min
Unit
Typ
Max
DTA422
DTA409
–
–
–
–
0.2
0.9
ON CHARACTERISTICS (Note 4.)
DC Current Gain
(VCE= 10 V, IC = 5.0 mA)
hFE
Collector-Emitter Saturation Voltage
(IC = 10 mA, IB = 0.3 mA)
-
-
0.25
Vdc
Output Voltage (on)
(VCC = 5.0 V, VB =2.5 V, RL = 1.0 kΩ)
VOL
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
0.2
Vdc
0.2
160
250
–
35
60
–
60
100
–
80
140
–
80
140
–
80
140
–
80
130
–
8.0
15
–
160
250
–
15
27
–
80
140
–
80
140
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
–
-
-
DTA401 / DTA406 / DTA408
DTA417 / DTA423
DTA410 / DTA411
(IC = 10 mA, IB = 5 mA)
(IC = 10 mA, IB = 1 mA)
(VCC = 5.0 V, VB =3.5 V, RL = 1.0 kΩ)
DTA403
DTA404
DTA407
DTA411
DTA417
DTA401
DTA406
DTA408
DTA405
DTA402
DTA410
DTA423
DTA422
DTA409
80
150
3.0
5.0
–
–
VCE(sat)
DTA403
DTA405
DTA408
DTA423
DTA404
DTA401
DTA407
DTA410
DTA406
DTA402
DTA417
DTA422
DTA409
DTA411
(VCC = 5.0 V, VB =4.0 V, RL = 1.0 kΩ)
(VCC = 5.0 V, VB =5.5 V, RL = 1.0 kΩ)
–
-
–
-
0.2
0.2
2008. 03. 20
3/12
DTA402~DTA411 / DTA417 / DTA422~DTA423
Revision No : 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com