Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTC101 Datasheet(PDF) 12 Page - First Silicon Co., Ltd

Part # DTC101
Description  Bias Resistor Transistor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTC101 Datasheet(HTML) 12 Page - First Silicon Co., Ltd

Back Button DTC101 Datasheet HTML 8Page - First Silicon Co., Ltd DTC101 Datasheet HTML 9Page - First Silicon Co., Ltd DTC101 Datasheet HTML 10Page - First Silicon Co., Ltd DTC101 Datasheet HTML 11Page - First Silicon Co., Ltd DTC101 Datasheet HTML 12Page - First Silicon Co., Ltd DTC101 Datasheet HTML 13Page - First Silicon Co., Ltd DTC101 Datasheet HTML 14Page - First Silicon Co., Ltd DTC101 Datasheet HTML 15Page - First Silicon Co., Ltd DTC101 Datasheet HTML 16Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
TYPICAL ELECTRICAL CHARACTERISTICS
DTC117
75°C
25°C
-25°C
Figure 37. VCE(sat) versus IC
Figure 38. DC Current Gain
Figure 39. Output Capacitance
Figure 40. Output Current versus Input Voltage
Vin, INPUT VOLTAGE (VOLTS)
VR, REVERSE BIAS VOLTAGE (VOLTS)
Figure 41. Input Voltage versus Output Current
IC, COLLECTOR CURRENT (mA)
IC, COLLECTOR CURRENT (mA)
1
0.1
50
40
20
10
0
IC, COLLECTOR CURRENT (mA)
100
10
1
100
10
1
0.001
4.5
1.5
45
50
40
30
20
10
0
0
0.5
1
2
4
100
6
5
4
3
2
1
0
0.001
1
10
10
9
8
7
10
30
20
10
0
0.1
1
40
50
75°C
25°C
TA = -25°C
75°C
25°C
TA = -25°C
75°C
25°C
TA = -25°C
0.01
35
25
15
5
0.01
0.1
30
3.5
3
2.5
f = 1 MHz
IE = 0 V
TA = 25°C
VO = 5 V
VO = 0.2 V
IC/IB = 10
VCE = 10 V
DTC 101 ~ 108, DTC 110 ~ 112 /114 /117, DTC 123 / 124
2008. 8. 28
12/16
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com