Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DTA608 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # DTA608
Description  Bias Resistor Transistors
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DTA608 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  DTA608 Datasheet HTML 1Page - First Silicon Co., Ltd DTA608 Datasheet HTML 2Page - First Silicon Co., Ltd DTA608 Datasheet HTML 3Page - First Silicon Co., Ltd DTA608 Datasheet HTML 4Page - First Silicon Co., Ltd DTA608 Datasheet HTML 5Page - First Silicon Co., Ltd DTA608 Datasheet HTML 6Page - First Silicon Co., Ltd DTA608 Datasheet HTML 7Page - First Silicon Co., Ltd DTA608 Datasheet HTML 8Page - First Silicon Co., Ltd DTA608 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
2008. 8. 28
1/11
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0
Bias Resistor Transistors
PNP Silicon Surface Mount Transistors
with Monolithic Bias Resistor Network
This new series of digital transistors is designed to replace a single
device and its external resistor bias network. The BRT (Bias Resistor
Transistor) contains a single transistor with a monolithic bias network
consisting of two resistors; a series base resistor and a base-emitter
resistor. The BRT eliminates these individual components by integrating
them into a single device. The use of a BRT can reduce both system
cost and board space. The device is housed in the SC-89 package
which is designed for low power surface mount applications.
• Simplifies Circuit Design
• Reduces Board Space
• Reduces Component Count
• The SC-89 package can be soldered using wave or reflow. The
modified gull-winged leads absorb thermal stress during soldering
eliminating the possibility of damage to the die.
•
SC-89
PIN 3
COLLECTOR
(OUTPUT)
PIN 2
EMITTER
(GROUND)
PIN 1
BASE
(INPUT)
R1
R2
We declare that the material of product compliance with
RoHS requirements.
MAXIMUM RATINGS (TA = 25°C unless otherwise noted)
Rating
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
Vdc
Collector-Emitter Voltage
VCEO
50
Vdc
Collector Current
IC
100
mAdc
THERMAL CHARACTERISTICS
Rating
Symbol
Value
Unit
Total Device Dissipation,
FR−4 Board
(Note 1) @ TA = 25°C
Derate above 25
°C
PD
200
1.6
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
(Note 1)
R JA
600
°C/W
Total Device Dissipation,
FR−4 Board
(Note 2) @ TA = 25°C
Derate above 25
°C
PD
300
2.4
mW
mW/
°C
Thermal Resistance,
Junction−to−Ambient
(Note 2)
R JA
400
°C/W
Junction and Storage Temperature Range
TJ, Tstg
−55 to
+150
°C
Stresses exceeding Maximum Ratings may damage the device. Maximum
Ratings are stress ratings only. Functional operation above the Recommended
Operating Conditions is not implied. Extended exposure to stresses above the
Recommended Operating Conditions may affect device reliability.
1.
FR−4 @ Minimum Pad.
2.
FR−4 @ 1.0 ×1.0 Inch Pad.
DTA601~611,
DTA617, DTA622


Similar Part No. - DTA608

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DTA6-N SANYO-DTA6-N Datasheet
153Kb / 3P
6A Bidirectional Thyristor
logo
First Silicon Co., Ltd
DTA611 FS-DTA611 Datasheet
203Kb / 3P
Bias Resistor Transistor
DTA611T1G FS-DTA611T1G Datasheet
203Kb / 3P
Bias Resistor Transistor
DTA611T3G FS-DTA611T3G Datasheet
203Kb / 3P
Bias Resistor Transistor
logo
Wall Industries,Inc.
DTA65 WALL-DTA65 Datasheet
139Kb / 2P
Single Output Up to 65 Watts AC/DC Desktop Adapter
More results

Similar Description - DTA608

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LDTA114EM3T5G LRC-LDTA114EM3T5G Datasheet
191Kb / 11P
Bias Resistor Transistors
logo
ON Semiconductor
MMUN2111LT1 ONSEMI-MMUN2111LT1_05 Datasheet
90Kb / 8P
Bias Resistor Transistors
August, 2005 ??Rev. 5
logo
Leshan Radio Company
LMUN2111LT1G LRC-LMUN2111LT1G Datasheet
655Kb / 10P
Bias Resistor Transistors
LDTA114EM3T5G LRC-LDTA114EM3T5G_15 Datasheet
220Kb / 11P
Bias Resistor Transistors
LDTA124XM3T5G LRC-LDTA124XM3T5G_15 Datasheet
143Kb / 11P
Bias Resistor Transistors
LDTA143EM3T5G LRC-LDTA143EM3T5G_15 Datasheet
143Kb / 11P
Bias Resistor Transistors
LDTA143ZM3T5G LRC-LDTA143ZM3T5G_15 Datasheet
143Kb / 11P
Bias Resistor Transistors
LMUN2112LT1G LRC-LMUN2112LT1G_15 Datasheet
137Kb / 8P
Bias Resistor Transistors
LMUN2114LT1G LRC-LMUN2114LT1G_15 Datasheet
137Kb / 8P
Bias Resistor Transistors
LMUN2116LT1G LRC-LMUN2116LT1G_15 Datasheet
137Kb / 8P
Bias Resistor Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com