Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DWC301 Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # DWC301
Description  Dual Bias ResistorTransistors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

DWC301 Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  DWC301 Datasheet HTML 1Page - First Silicon Co., Ltd DWC301 Datasheet HTML 2Page - First Silicon Co., Ltd DWC301 Datasheet HTML 3Page - First Silicon Co., Ltd DWC301 Datasheet HTML 4Page - First Silicon Co., Ltd DWC301 Datasheet HTML 5Page - First Silicon Co., Ltd DWC301 Datasheet HTML 6Page - First Silicon Co., Ltd DWC301 Datasheet HTML 7Page - First Silicon Co., Ltd DWC301 Datasheet HTML 8Page - First Silicon Co., Ltd DWC301 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
DEVICE MARKING , RESISTOR VALUES AND ORDERING INFORMATION
Device
Package
Marking
R1(K)
R2(K)
Shipping
DWC302
SOT-363
7A
10
10
3000/Tape&Reel
DWC307
SOT-363
7D
10
47
3000/Tape&Reel
DWC311
SOT-363
7E
10
3000/Tape&Reel
DWC310
SOT-363
7F
4.7
3000/Tape&Reel
DWC323
SOT-363
7G
1
1
3000/Tape&Reel
DWC317
SOT-363
7H
2.2
2.2
3000/Tape&Reel
DWC301
SOT-363
7J
4.7
4.7
3000/Tape&Reel
DWC308
SOT-363
7L
22
47
3000/Tape&Reel
DWC322
SOT-363
7N
100
100
3000/Tape&Reel
DWC309
SOT-363
7P
47
22
3000/Tape&Reel
DWC303
SOT-363
7B
22
22
3000/Tape&Reel
DWC304
SOT-363
7C
47
47
3000/Tape&Reel
2009. 12. 04
2/10
Revision No : 0
DWC301~311, DWC317, 322, 323
DWC305
SOT-363
7M
2.2
47
3000/Tape&Reel
DWC306
SOT-363
7K
4.7
47
3000/Tape&Reel



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com