Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDIR62X62M Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # LEDIR62X62M
Description  LED..R..M Series Ring Lights
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDIR62X62M Datasheet(HTML) 1 Page - Banner Engineering Corp.

  LEDIR62X62M Datasheet HTML 1Page - Banner Engineering Corp. LEDIR62X62M Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Datasheet
LED Ring Lights (in two sizes) for use with PresencePLUS® P4 sensors
• Low-cost ring lights for PresencePLUS® P4 sensors
• Solid-state LED matrix; select continuous or strobed operation via sensor software
• Direct connection to a PresencePLUS® P4 sensor if the sensor is powered by 24 V dc
• Mounts directly to a PresencePLUS® P4 sensor using the included hardware
Models
PresencePLUS P4 Sensor Models
Model
Color
Ambient Light Filter Kit
Polarizing Filter Kit
62 × 62 mm
80 × 80 mm
62 × 62 mm
80 × 80 mm
LEDIR62X62M
LEDIR80X80M
Infrared, 940 nm
FLTI
—
—
LEDRR62X62M
LEDRR80X80M
Visible Red, 630 nm
FLTR (included with
LEDRRPFK)
LEDRRPFKS
LEDRRPFK
LEDWR62X62M
LEDWR80X80M
White, All Visible
FLTB or FLTG
LEDBR62X62M
LEDBR80X80M
Blue, 464 to 475 nm
FLTB
LEDGR62X62M
LEDGR80X80M
Green, 520 to 540 nm
FLTG
Installing the Ring Light
The ring light bracket attaches to the top of the
PresencePLUS lens block, using the hardware kit provided.
Note: Before installing this light it is recommended that an ambient light filter be installed behind the lens. The filter improves
image quality by reducing unwanted ambient light.
Sensing Shiny Surfaces
To eliminate direct reflections without using polarizing filters, angle the sensor approximately 15° (or more) from perpendicular to a shiny surface.
Polarizing Kit
If it is necessary to mount the camera at a 90° angle to a shiny surface, the polarizing filter kit provides filters for both the LED ring light and sensor
to reduce the negative effects of strong, direct light reflections. The red filter kit (FLTR) is included with the polarizing kit. When light colors other than
red are used, discard the red filter in the polarizing kit and use the proper filter (see Models tables). The polarizing filters reduce the amount of light
returned to the sensor.
Clean the Light
Regularly remove dust, dirt, or fingerprints from the light source.
1. Blow off dust using anti-static compressed air.
2. If necessary, use a lens cloth and lens cleaner or window cleaner to wipe off remaining debris.
Important: Do not use any other chemicals for cleaning the light source.
LED..R..M Series Ring Lights
Original Document
116941 Rev. F
19 February 2019
116941


Similar Part No. - LEDIR62X62M

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
LEDIR62X62W BANNER-LEDIR62X62W Datasheet
239Kb / 3P
LED..R..W Series Ring Lights
More results

Similar Description - LEDIR62X62M

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
RTO-AW07-001 DIALIGHT-RTO-AW07-001 Datasheet
197Kb / 2P
DuroSite Series LED Visual Signal Lights
D1RW-C13-008 DIALIGHT-D1RW-C13-008_12 Datasheet
648Kb / 8P
Vigilant짰 Series LED Based Obstruction Lights
logo
OSRAM GmbH
ONYXL-7 OSRAM-ONYXL-7 Datasheet
111Kb / 3P
LED reading lights
logo
Banner Engineering Corp...
LEDIR62X62W BANNER-LEDIR62X62W Datasheet
239Kb / 3P
LED..R..W Series Ring Lights
LEDIRV62X62M BANNER-LEDIRV62X62M Datasheet
212Kb / 3P
VE Series Ring Lights
LEDRI150-3W BANNER-LEDRI150-3W Datasheet
234Kb / 2P
LED..I150-3.. Low-Angle LED Ring Lights (150 mm)
LEDRO50M BANNER-LEDRO50M Datasheet
391Kb / 3P
LED..O..M Series Diffused On-Axis Lights
LEDRSM BANNER-LEDRSM Datasheet
173Kb / 2P
LED..SM Series Spot Lights
LEDRSW BANNER-LEDRSW Datasheet
176Kb / 2P
LED..SW Series Spot Lights
LEDXR90S BANNER-LEDXR90S Datasheet
153Kb / 3P
LEDxR90S Series Sealed Ring Lights
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com