Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IQL48011A280V-009-R Datasheet(PDF) 1 Page - TDK Electronics

Part # IQL48011A280V-009-R
Description  DC-DC Converters
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

IQL48011A280V-009-R Datasheet(HTML) 1 Page - TDK Electronics

  IQL48011A280V-009-R Datasheet HTML 1Page - TDK Electronics IQL48011A280V-009-R Datasheet HTML 2Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DC-DC Converters
1 of 1
Creation Date : March 18, 2019 (GMT)
iQL48011A280V-009-R
Sales Region
Worldwide
Series
iQL
Status
Production
Option
Option Lineup
Recommended EMC Filter Please refer to here.
Accessories
Please refer to the catalog
Electrical Characteristics
Rated Input Voltage[DC]
48V
Input Voltage Range[DC]
36 to 75V
Efficiency
92.5% Typ.
Rated Output Voltage[DC]
28V
Output Voltage Range[DC]
22.4 to 30.8V
Maximum Output Current
Maximum Ripple Noise
500mV
Maximum Output Power
308W
Withstanding Voltage1
Input - Output: 1500VDC: 1min.
Withstanding Voltage2
Withstanding Voltage3
Cases Shape & Size
Case’s shape
On board/Power module
Width(W)
36.83mm Nom.
Height(H)
13.21mm Nom.
Depth(D)
57.91mm Nom.
Weight
70g Typ.
Industry Standard Size
1/4 brick size
Terminal Style
DIP
Other
Operating Temp. Range
-40 to 116°C
Isolated / Non-isolated
Isolated
Feature
With baseplate
Safety Standard(Certified)
UL60950-1
CSA C22.2 No.60950-1
EN60950-1
VDE 0805-1
Safety Standard(Conformed)


Similar Part No. - IQL48011A280V-009-R

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
iQL48011A280V-009-R TDK-iQL48011A280V-009-R Datasheet
420Kb / 2P
72-308W Quarter Brick Converter
More results

Similar Description - IQL48011A280V-009-R

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
WF100 ETC1-WF100 Datasheet
55Kb / 2P
DC/DC Converters
logo
Murata Manufacturing Co...
MPD0S001S MURATA-MPD0S001S Datasheet
86Kb / 3P
DC-DC Converters
logo
CUI INC
VBD10 CUI-VBD10 Datasheet
108Kb / 3P
DC-DC Converters
VBWQ10 CUI-VBWQ10 Datasheet
110Kb / 3P
DC-DC Converters
VED30 CUI-VED30 Datasheet
203Kb / 3P
DC-DC Converters
logo
Emerson Network Power
PTH05050 EMERSON-NETWORKPOWER-PTH05050 Datasheet
411Kb / 5P
DC-DC CONVERTERS
PTH05060 EMERSON-NETWORKPOWER-PTH05060 Datasheet
341Kb / 4P
DC-DC CONVERTERS
PTH12030 EMERSON-NETWORKPOWER-PTH12030 Datasheet
207Kb / 4P
DC-DC CONVERTERS
PTH12060 EMERSON-NETWORKPOWER-PTH12060 Datasheet
371Kb / 5P
DC/DC CONVERTERS
logo
XP Power Limited
WC101 XPPOWER-WC101 Datasheet
60Kb / 2P
DC-DC Converters
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com