Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM1075ACW Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM1075ACW
Description  LCD Module User Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM1075ACW Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM1075ACW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM1075ACW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM1075ACW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM1075ACW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM1075ACW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM1075ACW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM1075ACW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM1075ACW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM1075ACW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TOPWAY
LCD Module User Manual
LM1075ACW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM1075ACW-Manual-Rev0.2
Page: 7 of 9
3.4
Reset Timing
VSS=0V, VDD=5.0V, TOP=25°C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Reset Plus
tres
1.0
-
-
ms
4. Function Specifications
4.1
Adjusting the Display Contrast
A Variable-Voltage-Signal must be connected to V0.
Adjusting the voltage will result the change of LCD
display contrast. The value of the voltage is between
1.31 to 2.28V.
4.2
Resetting the LCD module
The LCD module should be initialized by hardware reset, using /RST terminal.
4.3
Display Pixel Map
1,1
(D7)
2,1
(D6)
3,1
(D5)
4,1
(D4)
5,1
(D3)
- - -
- - -
476,1
(D4)
477,1
(D3)
478,1
(D2)
479,1
(D1)
480,1
(D0)
1,2
(D7)
2,2
(D6)
3,2
(D5)
4,2
(D4)
5,2
(D3)
- - -
- - -
476,2
(D4)
477,2
(D3)
478,2
(D2)
479,2
(D1)
480,2
(D0)
1,3
(D7)
2,3
(D6)
3,3
(D5)
4,3
(D4)
5,3
(D3)
- - -
- - -
476,3
(D4)
477,3
(D3)
478,3
(D2)
479,3
(D1)
480,3
(D0)
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
1,126
(D7)
2,126
(D6)
3,126
(D5)
4,126
(D4)
5,126
(D3)
- - -
- - -
476,126
(D4)
477,126
(D3)
478,126
(D2)
479,126
(D1)
480,126
(D0)
1,127
(D7)
2,127
(D6)
3,127
(D5)
4,127
(D4)
5,127
(D3)
- - -
- - -
476,127
(D4)
477,127
(D3)
478,127
(D2)
479,127
(D1)
480,127
(D0)
1,128
(D7)
2,128
(D6)
3,128
(D5)
4,128
(D4)
5,128
(D3)
- - -
- - -
476,128
(D4)
477,128
(D3)
478,128
(D2)
479,128
(D1)
480,128
(D0)
*1.
Based on the top view of the LCD module,
the 1, 1 (x, y) pixel is the upper-left pixel;
the 480, 128 (x, y) pixel is the lower-right pixel.
*2.
For the details of memory mapping please refer to S1D13700 datasheet.
LCD module
V0
VSS
VDD



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com