Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LEDWS50L20-XQ Datasheet(PDF) 5 Page - Banner Engineering Corp.

Part # LEDWS50L20-XQ
Description  LED..S50L.. High-Intensity Spot Light
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

LEDWS50L20-XQ Datasheet(HTML) 5 Page - Banner Engineering Corp.

  LEDWS50L20-XQ Datasheet HTML 1Page - Banner Engineering Corp. LEDWS50L20-XQ Datasheet HTML 2Page - Banner Engineering Corp. LEDWS50L20-XQ Datasheet HTML 3Page - Banner Engineering Corp. LEDWS50L20-XQ Datasheet HTML 4Page - Banner Engineering Corp. LEDWS50L20-XQ Datasheet HTML 5Page - Banner Engineering Corp. LEDWS50L20-XQ Datasheet HTML 6Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Mounting Brackets
All measurements are in mm
SMB30A
•
Right-angle bracket with
curved slot for versatile
orientation
•
Clearance for M6 (¼ in)
hardware
•
Mounting hole for 30 mm
sensor
•
12-ga. stainless steel
45
61
69
A
B
C
Hole center spacing: A to B=40
Hole size: A=ø 6.3, B= 27.1 x 6.3, C=ø 30.5
SMB30SC
•
Swivel bracket with 30 mm
mounting hole for sensor
•
Black reinforced
thermoplastic polyester
•
Stainless steel mounting and
swivel locking hardware
included
67
58
29
B
A
Hole center spacing: A=ø 50.8
Hole size: A=ø 7.0, B=ø 30.0
SMB30FA
•
Swivel bracket with tilt and
pan movement for precise
adjustment
•
Mounting hole for 30 mm
sensor
•
12-ga. 304 stainless steel
•
Easy sensor mounting to
extrude rail T-slot
•
Metric and inch size bolt
available
A
B
68.9
36.3
83.2
Bolt thread: SMB30FA, A= 3/8 - 16 x 2 in; SMB30FAM10, A= M10 -
1.5 x 50
Hole size: B= ø 30.1
SMBAMS30P
•
Flat SMBAMS series bracket
•
30 mm hole for mounting
sensors
•
Articulation slots for 90°+
rotation
•
12-ga. 300 series stainless
steel
45
93
A
C
B
Hole center spacing: A=26.0, A to B=13.0
Hole size: A=26.8 x 7.0, B=ø 6.5, C=ø 31.0
SMB30MM
•
12-ga. stainless steel bracket
with curved mounting slots
for versatile orientation
•
Clearance for M6 (¼ in)
hardware
•
Mounting hole for 30 mm
sensor
70
57
A
B
C
57
Hole center spacing: A = 51, A to B = 25.4
Hole size: A = 42.6 x 7, B = ø 6.4, C = ø 30.1
SMBAMS30RA
•
Right-angle SMBAMS series
bracket
•
30 mm hole for mounting
sensors
•
Articulation slots for 90°+
rotation
•
12-ga. (2.6 mm) cold-rolled
steel
53
48
45
A
C
B
Hole center spacing: A=26.0, A to B=13.0
Hole size: A=26.8 x 7.0, B=ø 6.5, C=ø 31.0
Banner Engineering Corp Limited Warranty
Banner Engineering Corp. warrants its products to be free from defects in material and workmanship for one year following
the date of shipment. Banner Engineering Corp. will repair or replace, free of charge, any product of its manufacture
which, at the time it is returned to the factory, is found to have been defective during the warranty period. This warranty
does not cover damage or liability for misuse, abuse, or the improper application or installation of the Banner product.
THIS LIMITED WARRANTY IS EXCLUSIVE AND IN LIEU OF ALL OTHER WARRANTIES WHETHER EXPRESS OR
IMPLIED (INCLUDING, WITHOUT LIMITATION, ANY WARRANTY OF MERCHANTABILITY OR FITNESS FOR A
PARTICULAR PURPOSE), AND WHETHER ARISING UNDER COURSE OF PERFORMANCE, COURSE OF DEALING OR
TRADE USAGE.
This Warranty is exclusive and limited to repair or, at the discretion of Banner Engineering Corp., replacement. IN NO
EVENT SHALL BANNER ENGINEERING CORP. BE LIABLE TO BUYER OR ANY OTHER PERSON OR ENTITY FOR
ANY EXTRA COSTS, EXPENSES, LOSSES, LOSS OF PROFITS, OR ANY INCIDENTAL, CONSEQUENTIAL OR
LED..S50L.. High-Intensity Spot Light
P/N 158249 Rev. E
www.bannerengineering.com - tel: 763-544-3164
5



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com