Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ABMMC2 Datasheet(PDF) 2 Page - Abracon Corporation

Part # ABMMC2
Description  7.0 x 5.0mm 2 PADS SURFACE MOUNT CRYSTAL
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABMMC2 Datasheet(HTML) 2 Page - Abracon Corporation

  ABMMC2 Datasheet HTML 1Page - Abracon Corporation ABMMC2 Datasheet HTML 2Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
OUTLINE DIMENSIONS:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 08.20.10
Visit www.abracon.com for Terms & Conditions of Sale
TAPE & REEL: (1,000pcs/reel)
Dimensions: Inch(mm)
Dimensions: mm
REFLOW PROFILE:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
|||||||||||||| |
ABMMC2
7.5 x 5.0 x 1.2 mm
RoHS
Compliant
Pb in glass
(exempt per RoHS 2002/95/EC Annex (5))
7.0 x 5.0mm 2 PADS SURFACE MOUNT CRYSTAL
ATTENTION: Abracon Corporation’s products are COTS – Commercial-Off-The-Shelf products; suitable for Commercial, Industrial and, where designated, Automotive Applications. Abracon’s products are not
specifically designed for Military, Aviation, Aerospace, Life-dependant Medical applications or any application requiring high reliability where component failure could result in loss of life and/or property. For
applications requiring high reliability and/or presenting an extreme operating environment, written consent and authorization from Abracon Corporation is required. Please contact Abracon Corporation for
more information.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com