Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F16747 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F16747
Description  ~110째 100째 wide beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16747 Datasheet(HTML) 1 Page - Ledil, Inc.

  F16747 Datasheet HTML 1Page - Ledil, Inc. F16747 Datasheet HTML 2Page - Ledil, Inc. F16747 Datasheet HTML 3Page - Ledil, Inc. F16747 Datasheet HTML 4Page - Ledil, Inc. F16747 Datasheet HTML 5Page - Ledil, Inc. F16747 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
F16747_LINDA-WWW
LINDA-WWW
~110° + 100° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
26.2 x 1140.0 mm
Height
6.3 mm
Fastening
Colour
milky
Box size
1180 x 145 x 125 mm
Box weight
11.4 kg
Quantity in Box
130 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LINDA-WWW
Linear lens
PMMA
milky
Last update: 26/06/2019
Subject to change without prior notice
Published: 18/03/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - F16747

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16748 LEDIL-F16748 Datasheet
5Mb / 6P
~40째 100째 oval beam
F16749 LEDIL-F16749 Datasheet
6Mb / 6P
~65째 100째 beam
More results

Similar Description - F16747

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS15445 LEDIL-CS15445 Datasheet
4Mb / 3P
~100째 wide beam. PC variant.
F16748 LEDIL-F16748 Datasheet
5Mb / 6P
~40째 100째 oval beam
F16749 LEDIL-F16749 Datasheet
6Mb / 6P
~65째 100째 beam
F16860 LEDIL-F16860 Datasheet
3Mb / 6P
~145째 100째 extra wide beam for uplighting
F17194 LEDIL-F17194 Datasheet
1Mb / 4P
~90째 100째 wide beam
C12763 LEDIL-C12763 Datasheet
2Mb / 7P
~100째 x 20째 oval beam
C13015 LEDIL-C13015 Datasheet
2Mb / 7P
~100째 x 20째 oval beam
CA12764 LEDIL-CA12764 Datasheet
3Mb / 9P
~100째 x 20째 oval beam
CA13058 LEDIL-CA13058 Datasheet
6Mb / 9P
~100째 x 20째 oval beam
F14468 LEDIL-F14468 Datasheet
6Mb / 11P
~60째 110째 medium beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com