Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F16816 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F16816
Description  ~35째 70째 oval beam optimized for 1.0 mm metal sheet or profile. Variant made from PMMA.
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16816 Datasheet(HTML) 1 Page - Ledil, Inc.

  F16816 Datasheet HTML 1Page - Ledil, Inc. F16816 Datasheet HTML 2Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PRODUCT
DATASHEET
F16816_LINNEA-O-PMMA
LINNEA-O-PMMA
~35° + 70° oval beam optimized for 1.0 mm metal
sheet or profile. Variant made from PMMA.
TECHNICAL SPECIFICATIONS:
Dimensions
285.0 x 40.0 mm
Height
10.5 mm
Fastening
clips
Colour
clear
Box size
578 x 378 x 295 mm
Box weight
8.2 kg
Quantity in Box
180 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LINNEA-O-PMMA
Linear lens
PMMA
clear
Last update: 06/06/2019
Subject to change without prior notice
Published: 06/06/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/2


Similar Part No. - F16816

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16810 LEDIL-F16810 Datasheet
4Mb / 9P
Asymmetric beam for wall-washing optimized for 0.5 mm metal sheet or profile
F16811 LEDIL-F16811 Datasheet
20Mb / 9P
~90째 90째 wide beam optimized for 1.0 mm metal sheet or profile.
F16812 LEDIL-F16812 Datasheet
17Mb / 8P
~90째 90째 wide beam optimized for 0.5 mm metal sheet or profile
F16813 LEDIL-F16813 Datasheet
12Mb / 9P
~60째 90째 beam optimized for 1.0 mm metal sheet or profile.
F16814 LEDIL-F16814 Datasheet
16Mb / 8P
~60째 90째 beam optimized for 0.5 mm metal sheet or profile.
More results

Similar Description - F16816

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16322 LEDIL-CS16322 Datasheet
6Mb / 7P
~30째 spot beam. Variant made from PMMA.
CS16323 LEDIL-CS16323 Datasheet
6Mb / 8P
~65째 medium beam. Variant made from PMMA.
CS16324 LEDIL-CS16324 Datasheet
6Mb / 7P
~90째 wide beam. Variant made from PMMA.
F16817 LEDIL-F16817 Datasheet
3Mb / 2P
~35째 70째 oval beam optimized for 0.5 mm metal sheet or profile. Variant made from PMMA.
F16843 LEDIL-F16843 Datasheet
3Mb / 5P
Double asymmetric beam for aisle and shelf lighting optimized for 1.0 mm metal sheet or profile. Variant made from PMMA..
F16844 LEDIL-F16844 Datasheet
3Mb / 4P
Double asymmetric beam for aisle and shelf lighting optimized for 0.5 mm metal sheet or profile. Variant made from PMMA..
F15523 LEDIL-F15523 Datasheet
12Mb / 13P
~90째 90째 wide beam optimized for 1.0 mm metal sheet or profile.
F16813 LEDIL-F16813 Datasheet
12Mb / 9P
~60째 90째 beam optimized for 1.0 mm metal sheet or profile.
F16845 LEDIL-F16845 Datasheet
3Mb / 9P
Asymmetric beam for uplighting optimized for 1.0 mm metal sheet or profile
CA15551 LEDIL-CA15551 Datasheet
1Mb / 5P
~35째 medium beam. Variant made from PC.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com