Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F16858 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F16858
Description  Double asymmetric beam for aisle and shelf lighting
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16858 Datasheet(HTML) 1 Page - Ledil, Inc.

  F16858 Datasheet HTML 1Page - Ledil, Inc. F16858 Datasheet HTML 2Page - Ledil, Inc. F16858 Datasheet HTML 3Page - Ledil, Inc. F16858 Datasheet HTML 4Page - Ledil, Inc. F16858 Datasheet HTML 5Page - Ledil, Inc. F16858 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
F16858_LINDA-Z2T25
LINDA-Z2T25
Double asymmetric beam for aisle and shelf
lighting
TECHNICAL SPECIFICATIONS:
Dimensions
25.7 x 1140.0 mm
Height
5.3 mm
Fastening
Colour
Box size
1180 x 145 x 125 mm
Box weight
11.6 kg
Quantity in Box
150 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LINDA-Z2T25
Linear lens
PMMA
Last update: 26/06/2019
Subject to change without prior notice
Published: 18/03/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - F16858

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16859 LEDIL-F16859 Datasheet
4Mb / 6P
Asymmetric beam for wall washing
More results

Similar Description - F16858

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FN15388 LEDIL-FN15388 Datasheet
12Mb / 14P
Double asymmetric beam for wall washing and supermarket applications with holder
C16663 LEDIL-C16663 Datasheet
2Mb / 4P
Double asymmetric beam for aisle and shelf lighting
F16843 LEDIL-F16843 Datasheet
3Mb / 5P
Double asymmetric beam for aisle and shelf lighting optimized for 1.0 mm metal sheet or profile. Variant made from PMMA..
F16844 LEDIL-F16844 Datasheet
3Mb / 4P
Double asymmetric beam for aisle and shelf lighting optimized for 0.5 mm metal sheet or profile. Variant made from PMMA..
FCA13329 LEDIL-FCA13329 Datasheet
4Mb / 8P
Asymmetric beam for billboards.
FN13888 LEDIL-FN13888 Datasheet
2Mb / 8P
Asymmetric beam for billboards.
DAISY-7X1-ZT25 LEDIL-DAISY-7X1-ZT25 Datasheet
6Mb / 6P
Asymmetric beam for aisle lighting.
DAISY-7X1-ZT25-D LEDIL-DAISY-7X1-ZT25-D Datasheet
6Mb / 6P
Asymmetric beam for aisle lighting
C12512 LEDIL-C12512 Datasheet
2Mb / 5P
Asymmetric beam
C16044 LEDIL-C16044 Datasheet
1Mb / 5P
~20째 115째 oval beam for aisle lighting
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com