Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

F17194 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F17194
Description  ~90째 100째 wide beam
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F17194 Datasheet(HTML) 1 Page - Ledil, Inc.

  F17194 Datasheet HTML 1Page - Ledil, Inc. F17194 Datasheet HTML 2Page - Ledil, Inc. F17194 Datasheet HTML 3Page - Ledil, Inc. F17194 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
F17194_LINDA-WW2
LINDA-WW2
~90° + 100° wide beam
TECHNICAL SPECIFICATIONS:
Dimensions
25.7 x 1140.0 mm
Height
5.3 mm
Fastening
Colour
milky
Box size
1180 x 145 x 125 mm
Box weight
11.4 kg
Quantity in Box
160 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LINDA-WW2
Linear lens
PMMA
milky
Last update: 30/08/2019
Subject to change without prior notice
Published: 23/08/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - F17194

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
F1710 VISHAY-F1710 Datasheet
79Kb / 2P
AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305V (MKT)
03-Oct-02
F1710-250V VISHAY-F1710-250V Datasheet
74Kb / 2P
AC-Capacitors, Suppression Capacitors Class Y2 AC 250V (MKT)
03-Oct-02
F1710-250V VISHAY-F1710-250V Datasheet
77Kb / 4P
Interference Suppression Film Capacitors MKT Radial Potted Type
28-Sep-12
F1710-305V VISHAY-F1710-305V Datasheet
79Kb / 2P
AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305V (MKT)
03-Oct-02
F1710-305V VISHAY-F1710-305V Datasheet
312Kb / 3P
AC-Capacitors, Suppression Capacitors Class Y2 (X1) AC 305 V (MKT)
15-Oct-07
More results

Similar Description - F17194

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CS16593 LEDIL-CS16593 Datasheet
6Mb / 5P
~90째 wide beam
F16007 LEDIL-F16007_18 Datasheet
7Mb / 7P
~90째 wide beam
C16669 LEDIL-C16669 Datasheet
18Mb / 4P
~90째 wide beam
CS15445 LEDIL-CS15445 Datasheet
4Mb / 3P
~100째 wide beam. PC variant.
C16613 LEDIL-C16613 Datasheet
2Mb / 4P
~90째 wide beam
F16747 LEDIL-F16747 Datasheet
6Mb / 6P
~110째 100째 wide beam
CS16781 LEDIL-CS16781 Datasheet
2Mb / 5P
~90째 wide beam
F16455 LEDIL-F16455 Datasheet
5Mb / 5P
~90째 wide beam
C13526 LEDIL-C13526 Datasheet
1Mb / 4P
~90째 wide beam
CS17134 LEDIL-CS17134 Datasheet
18Mb / 4P
~90째 wide beam.
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com