Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FA16987 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA16987
Description  ~20째 medium beam. Assembly with installation tape.
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA16987 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA16987 Datasheet HTML 1Page - Ledil, Inc. FA16987 Datasheet HTML 2Page - Ledil, Inc. FA16987 Datasheet HTML 3Page - Ledil, Inc. FA16987 Datasheet HTML 4Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PRODUCT
DATASHEET
FA16987_TYRA2-M
TYRA2-M
~20° medium beam. Assembly with installation
tape.
TECHNICAL SPECIFICATIONS:
Dimensions
Ø 40.0 mm
Height
24.3 mm
Fastening
tape, pin
Colour
metal
Box size
480 x 280 x 300 mm
Box weight
3.2 kg
Quantity in Box
352 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
TYRA2-M
Reflector
PC
TYRA2-TAPE
Tape
PU tape
black
Last update: 04/07/2019
Subject to change without prior notice
Published: 05/07/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/4


Similar Part No. - FA16987

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
FA16986 LEDIL-FA16986 Datasheet
2Mb / 4P
~20째 spot beam. Assembly with installation tape.
FA16988 LEDIL-FA16988 Datasheet
4Mb / 4P
~25째 wide beam. Assembly with installation tape.
More results

Similar Description - FA16987

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA16370 LEDIL-CA16370 Datasheet
2Mb / 4P
~60째 beam. Assembly with installation tape
FA13647 LEDIL-FA13647 Datasheet
2Mb / 4P
~20째 medium beam. Assembly with colour mixing lens, holder and installation tape.
CA12376 LEDIL-CA12376_18 Datasheet
9Mb / 8P
~20째 smooth spot beam. Assembly with holder and installation tape.
FA13093 LEDIL-FA13093 Datasheet
4Mb / 5P
~30째 medium beam. Assembly with holder and installation tape.
CA13156 LEDIL-CA13156_18 Datasheet
3Mb / 10P
Asymmetric beam. Assembly with installation tape.
CA16435 LEDIL-CA16435 Datasheet
1Mb / 6P
Asymmetric beam. Assembly with installation tape.
FA16986 LEDIL-FA16986 Datasheet
2Mb / 4P
~20째 spot beam. Assembly with installation tape.
CA12838 LEDIL-CA12838 Datasheet
5Mb / 11P
~100째 x 20째 oval beam. Assembly with location pins and installation tape
CA13057 LEDIL-CA13057 Datasheet
3Mb / 8P
~100째 x 20째 oval beam. Assembly with installation tape
CA10716 LEDIL-CA10716 Datasheet
1Mb / 4P
~20째 spot beam. Assembly with 0.4 mm thick installation tape
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com