Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C0G Datasheet(PDF) 4 Page - AVX Corporation

Part # C0G
Description  C0G (NP0) Dielectric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

C0G Datasheet(HTML) 4 Page - AVX Corporation

  C0G Datasheet HTML 1Page - AVX Corporation C0G Datasheet HTML 2Page - AVX Corporation C0G Datasheet HTML 3Page - AVX Corporation C0G Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6
C0G (NP0) Dielectric
Capacitance Range
PREFERRED SIZES ARE SHADED
SIZE
1210
1812
1825
2220
2225
Soldering
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Reflow Only
Packaging
Paper/Embossed
All Embossed
All Embossed
All Embossed
All Embossed
(L) Length
mm
3.20 ± 0.20
4.50 ± 0.30
4.50 ± 0.30
5.70 ± 0.40
5.72 ± 0.25
(in.)
(0.126 ± 0.008)
(0.177 ± 0.012)
(0.177 ± 0.012)
(0.225 ± 0.016)
(0.225 ± 0.010)
W) Width
mm
2.50 ± 0.20
3.20 ± 0.20
6.40 ± 0.40
5.00 ± 0.40
6.35 ± 0.25
(in.)
(0.098 ± 0.008)
(0.126 ± 0.008)
(0.252 ± 0.016)
(0.197 ± 0.016)
(0.250 ± 0.010)
(t) Terminal
mm
0.50 ± 0.25
0.61 ± 0.36
0.61 ± 0.36
0.64 ± 0.39
0.64 ± 0.39
(in.)
(0.020 ± 0.010)
(0.024 ± 0.014)
(0.024 ± 0.014)
(0.025 ± 0.015)
(0.025 ± 0.015)
WVDC
25
50
100
200
500
25
50
100
200
500
50
100
200
50
100
200
50
100
200
Cap
0.5
(pF)
1.0
1.2
1.5
1.8
2.2
2.7
3.3
3.9
4.7
5.6
6.8
8.2
10
J
12
J
15
J
18
J
22
J
27
J
33
J
39
J
47
J
56
J
68
J
82
J
100
J
120
J
150
J
180
J
220
J
270
J
330
J
390
M
470
M
560
J
J
J
J
M
680
J
J
J
K
P
820
J
J
J
K
P
1000
J
J
P
P
P
K
K
N
N
M
M
M
M
M
M
P
1200
P
P
P
P
P
K
K
N
N
M
M
M
M
M
M
P
1500
P
P
P
P
P
K
K
N
N
M
M
M
M
M
M
P
1800
P
P
P
P
P
K
K
N
N
M
M
M
M
M
M
P
2200
P
P
P
P
N
K
K
N
N
P
X
X
M
M
M
P
2700
P
P
P
P
K
K
N
P
Q
X
X
M
M
M
P
3300
P
P
P
P
K
K
N
P
Q
X
X
X
X
M
M
P
3900
P
P
P
K
K
N
P
Q
X
X
X
X
M
M
P
4700
P
P
P
K
K
N
P
Y
X
X
X
X
X
X
M
M
P
5600
P
P
P
K
K
P
P
Y
X
X
X
X
X
X
M
M
P
6800
P
P
P
K
K
Q
Q
X
X
X
X
X
X
M
M
P
8200
P
P
K
M
Q
Q
X
X
X
X
X
X
M
M
P
Cap
0.010
N
N
K
M
Q
Q
X
X
X
X
X
X
M
M
P
(pF)
0.012
N
N
K
M
Q
X
X
X
X
X
X
M
M
P
0.015
P
P
Q
X
X
X
X
X
X
M
M
Y
0.018
P
P
Q
X
X
X
X
X
X
M
M
Y
0.022
P
P
Q
X
X
X
X
X
M
Y
Y
0.027
Q
Q
X
X
X
Y
X
X
P
Y
Y
0.033
Q
Q
X
X
X
X
X
X
Y
Y
0.039
X
X
X
X
Y
X
Y
Y
0.047
X
X
X
X
Y
X
Z
0.068
Z
Z
Y
Z
X
Z
0.082
Z
Z
Y
Z
X
Z
0.1
Z
Z
Z
Z
Z
Z
WVDC
25
50
100
200
500
25
50
100
200
500
50
100
200
50
100
200
50
100
200
SIZE
1210
1812
1825
2220
2225
Letter
A
B
C
E
G
K
M
N
P
Q
X
Y
Z
Max.
Thickness
0.33
(0.013)
0.22
(0.009)
0.56
(0.022)
0.71
(0.028)
0.90
(0.035)
0.94
(0.037)
1.02
(0.040)
1.27
(0.050)
1.40
(0.055)
1.52
(0.060)
1.78
(0.070)
2.29
(0.090)
2.54
(0.100)
2.79
(0.110)
PAPER
EMBOSSED
051818



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com