Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC9920 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC9920
Description  3-Pin Switch-Mode LED Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9920 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC9920 Datasheet HTML 1Page - First Silicon Co., Ltd FC9920 Datasheet HTML 2Page - First Silicon Co., Ltd FC9920 Datasheet HTML 3Page - First Silicon Co., Ltd FC9920 Datasheet HTML 4Page - First Silicon Co., Ltd FC9920 Datasheet HTML 5Page - First Silicon Co., Ltd FC9920 Datasheet HTML 6Page - First Silicon Co., Ltd FC9920 Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FC9920
2012. 10. 31
1/7
Revision No : 0
3-Pin Switch-Mode LED Lamp Driver
Features
� Constant output current: 100mA
� Universal 85-264VAC operation
� Fixed off-time buck converter
� Internal 475 V power MOSFET
Applications
� Decorative lighting
� Low power lighting fixtures
General Description
The FC9920 is a pulse width modulated (PWM)
high efficiency LED driver control IC. It allows
efficient operation of LED strings from voltage
sources ranging up to 400VDC. The FC9920
includes an internal high voltage switching
MOSFET controlled with fixed off-time (TOFF)
of approximately 10.5us. The LED string is
driven
at
constant
current,
thus
providing
constant light output and enhanced reliability.
The output current is internally fixed at 100mA
for FC9920. The peak current control scheme
provides good regulation of the output current
throughout the universal AC line voltage range
of 85 to 264VAC or DC input voltage of 20 to
400V and is inherently protected from input
under-voltage condition.
Typical Application Circuit
FC9920
GND
DRAIN
VDD
1
3
2
AC
LED1
LEDN
1
D1
L1
CIN


Similar Part No. - FC9920

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC9921 FS-FC9921 Datasheet
758Kb / 8P
3-Pin Switch-Mode LED Lamp Driver IC
FC9922 FS-FC9922 Datasheet
750Kb / 8P
3-Pin Switch-Mode LED Lamp Driver IC
More results

Similar Description - FC9920

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
501Kb / 10P
3-Pin Switch-Mode LED Lamp Driver IC
HV9923 SUTEX-HV9923 Datasheet
659Kb / 10P
3-Pin Switch-Mode LED Lamp Driver ICs
logo
List of Unclassifed Man...
LP1020CC ETC1-LP1020CC Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1020CV ETC1-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP4240-12-YZ-E ETC1-LP4240-12-YZ-E Datasheet
54Kb / 2P
Switch-Mode LED Driver
logo
Marl International Limi...
LP1020CV MARL-LP1020CV Datasheet
57Kb / 2P
Switch-Mode LED Driver
LP1040CC MARL-LP1040CC Datasheet
58Kb / 2P
Switch-Mode LED Driver
logo
Microchip Technology
HV9921 MICROCHIP-HV9921 Datasheet
339Kb / 19P
3-Pin Switch-Mode LED Lamp Driver ICs
03/25/14
logo
First Silicon Co., Ltd
FC9921 FS-FC9921 Datasheet
758Kb / 8P
3-Pin Switch-Mode LED Lamp Driver IC
FC9922 FS-FC9922 Datasheet
750Kb / 8P
3-Pin Switch-Mode LED Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com