Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC9921 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC9921
Description  3-Pin Switch-Mode LED Lamp Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9921 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC9921 Datasheet HTML 1Page - First Silicon Co., Ltd FC9921 Datasheet HTML 2Page - First Silicon Co., Ltd FC9921 Datasheet HTML 3Page - First Silicon Co., Ltd FC9921 Datasheet HTML 4Page - First Silicon Co., Ltd FC9921 Datasheet HTML 5Page - First Silicon Co., Ltd FC9921 Datasheet HTML 6Page - First Silicon Co., Ltd FC9921 Datasheet HTML 7Page - First Silicon Co., Ltd FC9921 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FC9921
2012. 10. 31
1/8
Revision No : 0
Features
Constant output current: 20mA
Universal 85 - 265VAC operation
Fixed off-time buck converter
Internal 475V power MOSFET
Applications
Decorative lighting
General Description
The FC9921
from voltage sources ranging up to 400VDC. The FC9921
includes an internal high voltage switching MOSFET controlled
OFF) of approximately 10.5μs. The LED
string is driven at constant current, thus providing constant light
output and enhanced reliability. The output current is internally
provides good regulation of the output current throughout the
universal AC line voltage range of 85 to 265VAC or DC input
voltage of 20 to 400V.
3-Pin Switch-Mode LED Lamp Driver IC
Typical Application Circuit
FC9921
LED
1
-
LED
n
3 VDD
DRAIN 1
GND
2
AC
FC9921


Similar Part No. - FC9921

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC9920 FS-FC9920 Datasheet
513Kb / 7P
3-Pin Switch-Mode LED Lamp Driver
FC9922 FS-FC9922 Datasheet
750Kb / 8P
3-Pin Switch-Mode LED Lamp Driver IC
More results

Similar Description - FC9921

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9921 SUTEX-HV9921 Datasheet
501Kb / 10P
3-Pin Switch-Mode LED Lamp Driver IC
HV9923 SUTEX-HV9923 Datasheet
659Kb / 10P
3-Pin Switch-Mode LED Lamp Driver ICs
HV9911 SUTEX-HV9911_06 Datasheet
728Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
HV9985 SUTEX-HV9985 Datasheet
1Mb / 16P
Three-Channel, Closed-Loop, Switch Mode LED Driver IC
HV9911 SUTEX-HV9911_09 Datasheet
754Kb / 14P
Switch-Mode LED Driver IC with High Current Accuracy
logo
Microchip Technology
HV9921 MICROCHIP-HV9921 Datasheet
339Kb / 19P
3-Pin Switch-Mode LED Lamp Driver ICs
03/25/14
logo
Shanghai Consonance Ele...
CN5820 CONSONANCE-CN5820 Datasheet
213Kb / 8P
Switch-Mode High-Brightness LED Driver IC
logo
First Silicon Co., Ltd
FC9911 FS-FC9911 Datasheet
532Kb / 13P
LED Driver Switch-Mode LED Driver IC with High Current Accuracy
FC9920 FS-FC9920 Datasheet
513Kb / 7P
3-Pin Switch-Mode LED Lamp Driver
FC9922 FS-FC9922 Datasheet
750Kb / 8P
3-Pin Switch-Mode LED Lamp Driver IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com