Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA1001DI2T Datasheet(PDF) 9 Page - Microchip Technology

Part # DSA1001DI2T
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1001DI2T Datasheet(HTML) 9 Page - Microchip Technology

Back Button DSA1001DI2T Datasheet HTML 5Page - Microchip Technology DSA1001DI2T Datasheet HTML 6Page - Microchip Technology DSA1001DI2T Datasheet HTML 7Page - Microchip Technology DSA1001DI2T Datasheet HTML 8Page - Microchip Technology DSA1001DI2T Datasheet HTML 9Page - Microchip Technology DSA1001DI2T Datasheet HTML 10Page - Microchip Technology DSA1001DI2T Datasheet HTML 11Page - Microchip Technology DSA1001DI2T Datasheet HTML 12Page - Microchip Technology DSA1001DI2T Datasheet HTML 13Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
 2017 Microchip Technology Inc.
DS20005889A-page 9
DSA1001/3/4
4.0
OUTPUT WAVEFORM
VIL
1/fo
OUTPUT
STANDBY#
t
EN
t
DA
t
F
t
R
V
IH
V
OH
V
OL
FIGURE 4-1:
Output Waveform.
4.1
Standby Function
Standby# (Pin 1)
Output (Pin 3)
High Level
Output ON
Open (no connect)
Output ON
Low Level
High Impedance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com