Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA1003CL2T Datasheet(PDF) 5 Page - Microchip Technology

Part # DSA1003CL2T
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1003CL2T Datasheet(HTML) 5 Page - Microchip Technology

  DSA1003CL2T Datasheet HTML 1Page - Microchip Technology DSA1003CL2T Datasheet HTML 2Page - Microchip Technology DSA1003CL2T Datasheet HTML 3Page - Microchip Technology DSA1003CL2T Datasheet HTML 4Page - Microchip Technology DSA1003CL2T Datasheet HTML 5Page - Microchip Technology DSA1003CL2T Datasheet HTML 6Page - Microchip Technology DSA1003CL2T Datasheet HTML 7Page - Microchip Technology DSA1003CL2T Datasheet HTML 8Page - Microchip Technology DSA1003CL2T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
 2017 Microchip Technology Inc.
DS20005889A-page 5
DSA1001/3/4
Jitter, Max.
Cycle-to-Cycle
JCC
—
50
—
ps
f = 100 MHz (Note 2)
Period Jitter
JP
—
5
10
psRMS f = 100 MHz (Note 2)
VDD = 3.3V
Supply Current, No Load
IDD
—
6.0
6.5
mA
1 MHz
CL = 0 pF,
RL = ∞,
T = +25°C
—
6.8
8.0
27 MHz
—
8.2
10.5
70 MHz
—
10.8
16.6
150 MHz
Output Logic Level High
VOH
0.9 x VDD
—
—
V
–8 mA, DSA1004, CL = 40 pF
0.9 x VDD
—
—
V
–6 mA, DSA1003, CL = 25 pF
0.8 x VDD
—
—
V
–4 mA, DSA1001, CL = 15 pF
Output Logic Level Low
VOL
—
—
0.1 x VDD
V
8 mA, DSA1004, CL = 40 pF
—
—
0.1 x VDD
V
6 mA, DSA1003, CL = 25 pF
—
—
0.2 x VDD
V
4 mA, DSA1001, CL = 15 pF
Output Transition Rise
Time
tR
—
1.0
2.0
ns
DSA1001,
CL = 15 pF
T = +25°C,
20% to 80%
—
1.1
2.0
DSA1003,
CL = 25 pF
—
1.2
2.0
DSA1004,
CL = 40 pF
Output Transition Fall
Time
tF
—
0.9
2.0
ns
DSA1001,
CL = 15 pF
T = +25°C,
20% to 80%
—
1.0
2.0
DSA1003,
CL = 25 pF
—
1.1
2.0
DSA1004,
CL = 40 pF
Jitter, Max.
Cycle-to-Cycle
JCC
—
50
—
ps
f = 100 MHz (Note 2)
Period Jitter
JP
—
5
10
psRMS f = 100 MHz (Note 2)
TABLE 1-1:
ELECTRICAL CHARACTERISTICS (CONTINUED)
Electrical Characteristics: VDD = 1.8 to 3.3V; TA = +85°C unless otherwise specified.
Parameters
Sym.
Min.
Typ.
Max.
Units
Conditions
Note 1: tSU is time to stable output frequency after VDD is applied. tSU and tEN (after EN is asserted) are identical
values.
2: Measured over 50k clock cycles.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com