Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR715U Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR715U
Description  Dual Series Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR715U Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR715U Datasheet HTML 1Page - First Silicon Co., Ltd FDR715U Datasheet HTML 2Page - First Silicon Co., Ltd FDR715U Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FDR715U
2013. 05. 08
2/3
Revision No : 0
Fig. 1 Forward characteristics
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1m
10m
100m
1
pulse measurement
Typ.
FORWARD VOLTAGE : V F (V)
100µ
10µ
1µ
Ta=125°C
Ta=75°C
Ta=25°C
Ta=−25°C
0
5
10
15
20
25
30
35
100m
10m
1m
100n
10n
1n
REVERSE VOLTAGE : V R (V)
Fig. 2 Reverse characteristics
Ta=125°C
Ta=75°C
Ta=25°C
Ta=−25°C
0
5
10
15
20
25
0.1
1
10
100
REVERSE VOLTAGE : V R (V)
Fig. 3 Capacitance between
terminals characteristics
0
0.1
0.2
0.5
1
2
5
10
4
8
12
16
20
24
28
FORWARD CURRENT : I F (mA)
Fig. 4 Reverse recovery time
characteristics
Electrical characteristic curves (Ta=25°C)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com