Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPL2-3-50TR-R Datasheet(PDF) 1 Page - Eaton All Rights Reserved.

Part # CPL2-3-50TR-R
Description  Multi-phase power inductors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

CPL2-3-50TR-R Datasheet(HTML) 1 Page - Eaton All Rights Reserved.

  CPL2-3-50TR-R Datasheet HTML 1Page - Eaton All Rights Reserved. CPL2-3-50TR-R Datasheet HTML 2Page - Eaton All Rights Reserved. CPL2-3-50TR-R Datasheet HTML 3Page - Eaton All Rights Reserved. CPL2-3-50TR-R Datasheet HTML 4Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Technical Data 4357
Effective December 2015
Supersedes January 2012
Product description
High current multi-phase inductor applications
Low core loss, high efficiency
50nH per phase coupled inductor
Ferrite core material
Frequency range up to 2MHz
Patents pending
Halogen free, lead free and RoHS compliant
Applications
For exclusive use with Volterra® or Maxim®
VPR-Devices
Environmental Data
Storage temperature range (component):
-40°C to +125°C
Operating temperature range: -40°C to +125°C
(ambient plus self-temperature rise)
Solder reflow temperature: J-STD-020D
compliant
Volterra® is a registered trademark of Volterra Semiconductor, LLC.
Maxim® is a registered trademark of Maxim Integrated Devices, Inc.
Pb
HALOGEN
HF
FREE
CPL2
Multi-phase power inductors


Similar Part No. - CPL2-3-50TR-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CPL2-3-50TR-R COOPER-CPL2-3-50TR-R Datasheet
500Kb / 3P
Multi-Phase Power Inductors
More results

Similar Description - CPL2-3-50TR-R

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CPL2-4-50TR-R COOPER-CPL2-4-50TR-R Datasheet
500Kb / 3P
Multi-Phase Power Inductors
logo
Eaton All Rights Reserv...
CL1108 EATON-CL1108 Datasheet
358Kb / 5P
Multi-phase power inductors
CLB1108 EATON-CLB1108 Datasheet
506Kb / 5P
Multi-phase power inductors
CPL EATON-CPL Datasheet
872Kb / 6P
Multi-phase power inductors
logo
WALSIN TECHNOLOGY CORPO...
WLFM160808 WALSIN-WLFM160808 Datasheet
1Mb / 8P
Multi-Layer Power Inductors
WLFM WALSIN-WLFM Datasheet
1Mb / 10P
Multi-Layer Power Inductors
logo
Eaton All Rights Reserv...
CL0904 EATON-CL0904 Datasheet
614Kb / 4P
Multi-Phase power inductors
CL0608 EATON-CL0608 Datasheet
428Kb / 4P
Multi-phase power inductors
CL1208 EATON-CL1208 Datasheet
864Kb / 8P
Multi-phase power inductors
CTX17-18913-R EATON-CTX17-18913-R Datasheet
475Kb / 3P
Multi-phase power inductor
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com