Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM3033CDW-0B Datasheet(PDF) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM3033CDW-0B
Description  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM3033CDW-0B Datasheet(HTML) 9 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM3033CDW-0B Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LM3033CDW-0B Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
TOPWAY
LCD Module User Manual
LM3033CDW-0B
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM3033CDW-0B-Manual-Rev0.1.DOC
Page: 9 of 13
4.4
Display Memory Map
There are three main memory-areas in the LCD module for display.
-
Character Generator RAM (CGRAM)
-
Graphic Display RAM (GDRAM)
-
Display Data RAM (DDRAM)
4.4.1 Character Generator RAM (CGRAM)
Character Generator RAM is for storing the User-defined Characters (a 16x16 dots font). There are
only four characters could be defined. The User-defined Character Codes are 0000h and 0002h.
They could be called into DDRAM as normal character.
CGRAM data
User-defined
Character Code
CGRAM
Address
D15
~
D8
D7
~
D0
0000h
00h
:
0Fh
0002h
10h
:
1Fh
0004h
20h
:
2Fh
0006h
30h
:
3Fh
CGRAM Address Map
4.4.2 Graphics Display RAM (GDRAM)
GDRAM is for full graphics display. It could be displayed when G=1 (set by EXTENDED
FUNCTION SET in Extended Instruction Set)
Horizontal Address (X)
00h
01h
~
06h
07h
D15 ~ D0
D15 ~ D0
~
D15 ~ D0
D15 ~ D0
00h
01h
:
:
:
1Eh
1Fh
00h
01h
:
:
:
1Eh
1Fh
D15 ~ D0
D15 ~ D0
~
D15 ~ D0
D15 ~ D0
08h
09h
~
0Eh
0Fh
Horizontal Address (X)
GDRAM Address Map
Note:
*1. The mapping is based on Vertical Scroll Displacement Address=0.
*2. Another 128x64 Graphics Display RAM space is not showed. They could be displayed by adjusting the Vertical Scroll
Displacement Address value.
128x64 pixels
16 x 16 dot font
16 x 16 dot font
16 x 16 dot font
16 x 16 dot font



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com