Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2088ECW-Z Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2088ECW-Z
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088ECW-Z Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM2088ECW-Z Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM2088ECW-Z Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TOPWAY
LCD Module User Manual
LM2088ECW-Z
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088ECW-Z-Manual-Rev0.1.doc
Page: 7 of 11
3.4
Reset Timing
VSS=0V, VDD=5.0V, TOP=25°C
Item
Symbol
MIN.
TYP.
MAX.
Unit
Oscillator Stable Delay (*1)
t1
4.0
-
-
ms
Reset Pulse Duration (*2)
t2
1.3
-
-
ms
note:
*1. A delay is required after exiting power save mode. Writing the SYSTEM SET command will exit power
save mode and start the internal oscillator.
*2. It requires a reset pulse after power-on in order to re-initialize its internal state.
Reset Timing Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com