Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSC1104 Datasheet(PDF) 18 Page - Microchip Technology

Part # DSC1104
Description  Low Jitter Precision HCSL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1104 Datasheet(HTML) 18 Page - Microchip Technology

Back Button DSC1104 Datasheet HTML 14Page - Microchip Technology DSC1104 Datasheet HTML 15Page - Microchip Technology DSC1104 Datasheet HTML 16Page - Microchip Technology DSC1104 Datasheet HTML 17Page - Microchip Technology DSC1104 Datasheet HTML 18Page - Microchip Technology DSC1104 Datasheet HTML 19Page - Microchip Technology DSC1104 Datasheet HTML 20Page - Microchip Technology DSC1104 Datasheet HTML 21Page - Microchip Technology DSC1104 Datasheet HTML 22Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 28 page
background image
DSC1104/24
DS20005870A-page 18
 2017 Microchip Technology Inc.
6-Lead VDFN 7.0 mm x 5.0 mm Package Outline and Recommended Land Pattern
RECOMMENDED LAND PATTERN
Dimension Limits
Units
Optional Center Pad Width
Optional Center Pad Length
Contact Pitch
Y2
X2
1.90
2.90
MILLIMETERS
2.54 BSC
MIN
E
MAX
Contact Pad Length (X6)
Contact Pad Width (X6)
Y1
X1
1.35
1.50
Microchip Technology Drawing C04-3010A
NOM
6-Lead Very Thin Plastic Quad Flat, No Lead Package (H8A) - 7x5 mm Body [VDFN]
12
6
C
Contact Pad Spacing
3.70
Contact Pad to Center Pad (X2)
G
0.20
Thermal Via Diameter (X6)
V
Thermal Via Pitch
EV
0.33
1.20
BSC: Basic Dimension. Theoretically exact value shown without tolerances.
Notes:
Dimensioning and tolerancing per ASME Y14.5M
For best soldering results, thermal vias, if used, should be filled or tented to avoid solder loss during
reflow process
1.
2.
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
With 2.8x1.8 mm Exposed Pad
C
E
X1
Y1
X2
Y2
EV
EV
ØV
G
SILK SCREEN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com