Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSA1101BA2T Datasheet(PDF) 3 Page - Microchip Technology

Part # DSA1101BA2T
Description  Low-Jitter Precision CMOS Oscillator for Automotive
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1101BA2T Datasheet(HTML) 3 Page - Microchip Technology

  DSA1101BA2T Datasheet HTML 1Page - Microchip Technology DSA1101BA2T Datasheet HTML 2Page - Microchip Technology DSA1101BA2T Datasheet HTML 3Page - Microchip Technology DSA1101BA2T Datasheet HTML 4Page - Microchip Technology DSA1101BA2T Datasheet HTML 5Page - Microchip Technology DSA1101BA2T Datasheet HTML 6Page - Microchip Technology DSA1101BA2T Datasheet HTML 7Page - Microchip Technology DSA1101BA2T Datasheet HTML 8Page - Microchip Technology DSA1101BA2T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
TABLE 1-1:
ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Min.
Typ.
Max.
Units
Conditions
Supply Voltage (Note 1)
VDD
2.25
—
3.63
V
—
Supply Current
IDD
—
—
0.095
mA
DSA1101/05, EN pin low. Output
is disabled and device is in
standby
—
20
22
DSA1121/25, EN pin low, output
is disabled
—
21
35
EN pin high, output is enabled
CL = 15 pF, FO = 100 MHz
Frequency Stability
(Including frequency
variations due to initial
tolerance, temp. and
power supply voltage)
Δf
—
—
±20
ppm
All temp ranges
—
—
±25
—
—
±50
Aging
Δf
—
—
±5
ppm
1 year @ 25°C
Startup Time (Note 2)
tSU
—
—
5
ms
T = 25°C
Input Logic Levels
Input Logic High
VIH
0.75 x VDD
—
—
V
—
Input Logic Low
VIL
—
—
0.1 x VDD
V
—
Output Disable Time (Note 3)
tDS
—
—
5
ns
—
Output Enable Time
tEN
—
—
5
ms
DSA1101/05
20
ns
DSA1121/25
Enable Pull-Up Resistor
(Note 4)
—
—
40
—
kΩ
Internally pulled-up
CMOS Output
Output Logic Level High
VOH
0.9 x VDD
—
—
V
I = ±6 mA
Output Logic Level Low
VOL
—
—
0.1 x VDD
V
Output Transition Rise Time
tR
—
1.1
2
ns
DSA1101/21, 20% to 80%,
CL = 15 pF
—
4
5
DSA1105/25, 20% to 80%,
CL = 15 pF
Output Transition Fall Time
tF
—
1.3
2
ns
DSA1101/21, 20% to 80%,
CL = 15 pF
—
4.7
6
DSA1105/25, 20% to 80%,
CL = 15 pF
Frequency
fO
2.3
—
170
MHz
CL = 15 pF and –40°C to +85°C
3.3
—
170
CL = 15 pF, –40°C to +105°C
and –40°C to +125°C
Output Duty Cycle
SYM
45
—
55
%
—
Period Jitter
JPER
—
3
—
psRMS FOUT = 125 MHz
Integrated Phase Noise
JPH
—
0.3
—
psRMS
200 kHz to 20 MHz @ 125 MHz
—
0.38
—
100 kHz to 20 MHz @ 125 MHz
—
1.7
2
12 kHz to 20 MHz @ 125 MHz
Note 1: Pin 6 VDD should be filtered with 0.1 µF capacitor.
2: tSU is time to 100 ppm of output frequency after VDD is applied and outputs are enabled.
3: Output Waveform and Test Circuit figures define the parameters.
4: Output is enabled if pad is floated or not connected.
 2018 Microchip Technology Inc.
DS20005890B-page 3
DSA1101/21/05/25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com