Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6060CFW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6060CFW
Description  LCD Module User Manual
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6060CFW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM6060CFW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM6060CFW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM6060CFW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6060CFW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6060CFW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6060CFW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6060CFW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6060CFW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6060CFW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
TOPWAY
LCD Module User Manual
LM6060CFW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6060CFW-Manual-Rev0.2.DOC
Page: 4 of 14
1.4
Terminal Functions
Descriptions
PIN NO
PIN Name
I/O
8-bit parallel
8080 mode
8-bit parallel
6800 mode
Serial mode
1
/CS1
Input
Chip Select
/CS1=L, enable access to the LCD module
/CS1=H, disable access to the LCD module
2
/RES
Input
Reset signal
/RES = L, Initialization is executed
/RES = H, Normal running.
3
A0
Input
Register Select
A0 = H, Transferring the Display Data
A0 = L, Transferring the Control Data
4
/WR
(R/W)
Input
/WR=L H, /RD=H;
Data or Instruction
latch into the LCD
module
5
/RD
(E)
Input
/WR=H, /RD=L;
Data or Status read
form the LCD
module
R/W=H,E=L;
Data or Status read
form the LCD module
R/W=L,E=H L;
Data or Status latch
into the LCD module
Not used,
Leave open or pull Hi
6
D0
I/O
:
:
I/O
11
D5
I/O
Not used,
Leave open
12
D6(SCL)
I/O
Serial clock input
13
D7(SI)
I/O
8-bit Data bus;
Three state I/O terminal for display data or
instruction data
when /CS=H,
D0~D7=High Impedance
Serial data input
14
VDD
Supply
Positive power supply
15
VSS
Supply
Negative power supply,0V
16
BLA
Supply
Positive power for LED backlight
17
BLK
Supply
Negative power supply for LED backlight, 0V
18
NC
-
No connection
1.5
Jumper Functions
JP1
JP2
JP3
JP4
Interface Mode
CLOSE
OPEN
CLOSE
OPEN
6800 Mode
OPEN
CLOSE
CLOSE
OPEN
8080 Mode (default)
OPEN
CLOSE
OPEN
CLOSE
Serial Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com