Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EMC1822 Datasheet(PDF) 24 Page - Microchip Technology

Part # EMC1822
Description  Multi-Channel Low Voltage Temp Sensors with Shutdown
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

EMC1822 Datasheet(HTML) 24 Page - Microchip Technology

Back Button EMC1822 Datasheet HTML 20Page - Microchip Technology EMC1822 Datasheet HTML 21Page - Microchip Technology EMC1822 Datasheet HTML 22Page - Microchip Technology EMC1822 Datasheet HTML 23Page - Microchip Technology EMC1822 Datasheet HTML 24Page - Microchip Technology EMC1822 Datasheet HTML 25Page - Microchip Technology EMC1822 Datasheet HTML 26Page - Microchip Technology EMC1822 Datasheet HTML 27Page - Microchip Technology EMC1822 Datasheet HTML 28Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 103 page
background image
...........continued
Conversion Rate
Average Supply Current
Averaging Factor (based on 11-bit operation)
Dynamic Averaging State
Enabled (default)
Disabled Enabled (default)
Disabled
8/s
790 µA
790 µA
4x
1x
16/s
830 µA
830 µA
2x
1x
32/s
830 µA
830 µA
1x
1x
64/s
1065 µA
1065 µA
0.5x
0.5x
7.11
Digital Filter
To reduce the effect of noise and temperature spikes on the reported temperature, the External Diode
channel uses a programmable digital filter. This filter can be configured as Level 1, Level 2, or Disabled
(default). The typical filter performance is shown in the figures below. The Filter Configuration register
controls the digital filter on the External Diode 1 channel.
To reduce complexity, the digital filter only applies to the External Diode channel 1 and 2. Furthermore,
this is only the case when APD is not enabled for a given channel. It applies after the digital block has
taken the appropriate 11 bits based on the dynamic averaging.
Table 7-6. Filter Settings
FILTER<1:0>
Averaging
1
0
0
0
Disabled (default)
0
1
Level 1 (Note 1)
1
0
Level 1 (Note 1)
1
1
Level 2 (Note 2)
Note: 
1.
Filtering Level 1 corresponds to 4x attenuation of a temperature spike.
2.
Filtering Level 2 corresponds to 8x attenuation of a temperature spike.
Figure 7-3. Temperature Filter Step Response
0
10
20
30
40
50
60
70
80
90
0
2
4
6
8
10
12
14
Samples
Disable
d
Level 2
Level 1
Multi-Channel Low Voltage Temp Sens...
System Block Diagram
© 2018 Microchip Technology Inc.
Datasheet
DS20006048A-page 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com