Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR425 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR425
Description  Schottky barrier diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR425 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR425 Datasheet HTML 1Page - First Silicon Co., Ltd FDR425 Datasheet HTML 2Page - First Silicon Co., Ltd FDR425 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
3
CATHODE
ANODE
1
2
ANODE
SOT –23
2011. 12. 06
1/3
SEMICONDUCTOR
TECHNICAL DATA
FDR425
Revision No : 0
1
3
2
Schottky barrier diode
Applications
Low power rectification
Features
1) Small surface mounting type.
2) Low VF. (VF=0.45V Typ. at 100mA)
3) High reliability.
Construction
Silicon epitaxial planar
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
40
V
DC reverse voltage
VR
40
V
Mean rectifying current
IO
0.1
A
Peak forward surge curren�
IFSM
1
A
Junction temperature
125
°C
Storage temperature
°C
� 60Hz for 1
Tj
Tstg
−40~
+150
We declare that material of product compliance
with ROHS requirements.
4)
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Shipping
3000/Tape&Reel
FDR425
D3L
Electrical characteristics (Ta = 25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF1
−
−
0.55
V
IF
=100mA
Forward voltage
VF2
−
−
0.34
V
IF
=10mA
Reverse current
IR
−
−
30
µA
VR
=10V
Capacitance between terminals
−
6.0
−
pF
VR
=10V, f=1MHz
Note) ESD sensitive product handling required.
CT


Similar Part No. - FDR425

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR40 FS-FDR40 Datasheet
225Kb / 4P
SCHOTTKY BARRIER DIODE
FDR40-04 FS-FDR40-04 Datasheet
225Kb / 4P
SCHOTTKY BARRIER DIODE
FDR40-05 FS-FDR40-05 Datasheet
225Kb / 4P
SCHOTTKY BARRIER DIODE
FDR40-06 FS-FDR40-06 Datasheet
225Kb / 4P
SCHOTTKY BARRIER DIODE
FDR40U FS-FDR40U Datasheet
272Kb / 3P
SCHOTTKY BARRIER DIODE
More results

Similar Description - FDR425

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com