Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR501UT3G Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR501UT3G
Description  Surface Mount Schotty Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR501UT3G Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR501UT3G Datasheet HTML 1Page - First Silicon Co., Ltd FDR501UT3G Datasheet HTML 2Page - First Silicon Co., Ltd FDR501UT3G Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Absolute maximum ratings (Ta = 25
°C)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
V
DC reverse voltage
VR
V
Mean rectifying current
IO
0.1
A
Peak forward surge current�
IFSM
1
A
Junction temperature
125
C
Storage temperature
C
45
40
−40~
+125
Tj
Tstg
�60 Hz for 1
Electrical characteristics (Ta = 25
°C)
Note) ESD sensitive product handling required.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF1
−
0.55
V
IF
=100mA
Forward voltage
VF2
−
0.34
V
IF
=10mA
Reverse current
IR
−
30
µA
VR
=10V
Capacitance between terminals
−
6.0
−
pF
VR
=10V, f=1MHz
CT
−
−
−
Surface Mount Schotty Diode
2
ANODE
1
CATHODE
Features
Applications
s
e
r
u
t
a
e
F
s
e
r
u
t
a
e
F
Construction
Construction
Device marking and ordering information
Device
Marking
Shipping
FDR501UT1G
4
3000/Tape&Reel
FDR501UT3G
4
10000/Tape&Reel
Low current rectification
1) Small surface mounting type.
2) High reliability.
Silicon epitaxial planar
SEMICONDUCTOR
TECHNICAL DATA
FDR501U
SC-76 / SOD-323
2
1
2009. 7. 28
1/3
Revision No : 1


Similar Part No. - FDR501UT3G

ManufacturerPart #DatasheetDescription
logo
FCI connector
FDR5000 FCI-CONNECTOR-FDR5000 Datasheet
921Kb / 2P
50.0 Amp DISH AUTO DIODES
logo
First Components Intern...
FDR5000 FCI-FDR5000 Datasheet
921Kb / 2P
50.0 Amp DISH AUTO DIODES
FDR5002 FCI-FDR5002 Datasheet
921Kb / 2P
50.0 Amp DISH AUTO DIODES Low forward voltage drop
logo
FCI connector
FDR5002 FCI-CONNECTOR-FDR5002 Datasheet
921Kb / 2P
50.0 Amp DISH AUTO DIODES
logo
First Components Intern...
FDR5004 FCI-FDR5004 Datasheet
921Kb / 2P
50.0 Amp DISH AUTO DIODES Low forward voltage drop
More results

Similar Description - FDR501UT3G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BAS20 RECTRON-BAS20 Datasheet
17Kb / 1P
SURFACE MOUNT DIODE
BAS21 RECTRON-BAS21 Datasheet
18Kb / 1P
SURFACE MOUNT DIODE
logo
Nihon Inter Electronics...
FSH10A04 NIEC-FSH10A04 Datasheet
57Kb / 6P
Schotty Barrier Diode
logo
Leshan Radio Company
LRB500V-40T1 LRC-LRB500V-40T1 Datasheet
54Kb / 3P
Surface Mount Schotty Diode
LRB501V-40T1 LRC-LRB501V-40T1 Datasheet
53Kb / 3P
Surface Mount Schotty Diode
logo
Semikron International
RGL34A SEMIKRON-RGL34A_07 Datasheet
113Kb / 2P
Surface mount diode
FR1A SEMIKRON-FR1A_07 Datasheet
114Kb / 2P
Surface mount diode
logo
Daya Electric Group Co....
SS12 DAYA-SS12 Datasheet
166Kb / 2P
1.0 AMP. Surface Mount Schotty Barrier Rectifiers
logo
Shenzhen Luguang Electr...
DBL0.3J LUGUANG-DBL0.3J Datasheet
1Mb / 2P
Surface Mount Diode
logo
SHIKUES Electronics
LL103A SKTECHNOLGY-LL103A Datasheet
819Kb / 4P
Small Signal Schotty Diodes
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com