Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FC62282 Datasheet(PDF) 5 Page - First Silicon Co., Ltd

Part # FC62282
Description  Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC62282 Datasheet(HTML) 5 Page - First Silicon Co., Ltd

  FC62282 Datasheet HTML 1Page - First Silicon Co., Ltd FC62282 Datasheet HTML 2Page - First Silicon Co., Ltd FC62282 Datasheet HTML 3Page - First Silicon Co., Ltd FC62282 Datasheet HTML 4Page - First Silicon Co., Ltd FC62282 Datasheet HTML 5Page - First Silicon Co., Ltd FC62282 Datasheet HTML 6Page - First Silicon Co., Ltd FC62282 Datasheet HTML 7Page - First Silicon Co., Ltd FC62282 Datasheet HTML 8Page - First Silicon Co., Ltd FC62282 Datasheet HTML 9Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Input Voltage
VIN(V)
Conditions
TYP. MAX.
Conditions
TYP. MAX.
Conditions
TYP. MAX.
MAX.
FC62113
FC62123
FC62133
FC62143
FC62153
FC62163
FC62173
FC62183
FC62193
FC62202
FC62212
FC62222
FC62232
FC62242
FC62252
FC62262
FC62272
FC62282
FC62292
FC62302
FC62312
FC62322
FC62332
FC62342
FC62352
FC62362
FC62372
FC62382
FC62392
FC62402
FC62412
FC62422
FC62432
FC62442
FC62452
FC62462
FC62472
FC62482
FC62492
FC62502
FC62512
FC62522
FC62532
FC62542
FC62552
FC62562
FC62572
FC62582
FC62592
FC62602
IOUT=80mA
450
850
400
750
Part Number
IOUT=40mA
450
850
IOUT=150mA
400
850
IOUT=60mA
4.5
4.5
I-O Voltage Differential
Vdif2(mV)
IOUT=100mA
400
850
IOUT=200mA
ISS(uA)
IOUT=180mA
Supply Current
2.5
4.5
2.0
4.5
Input Stability
Δ VOUT/(Δ VIN*VOUT) (%V)
0.2
0.3
IOUT=40mA
VOUT(T)+1V<VIN<10V
0.2
0.4
450
850
12
VIN=VOUT(T)+1V
2.8
3.0
3.3
380
750
4.5
2019. 07. 15
5/12
FC62
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com