Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR520E Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR520E
Description  SCHOTTKYBARRIERDIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR520E Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR520E Datasheet HTML 1Page - First Silicon Co., Ltd FDR520E Datasheet HTML 2Page - First Silicon Co., Ltd FDR520E Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
FDR520E
2009. 6. 26
2/3
Revision No : 0
Electrical characteristic curves(Ta=25oC)
Fig. 1 Forward characteristics
Fig. 2 Reverse characteristics
0
10
20
30
1
10
100
REVERSE VOLTAGE : VR(V)
Fig. 3 Capacitance between terminals characteristics
f=1MHz
0
0
20
40
60
80
100
25
50
75
100
125
AMBIENT TEMPERATURE : Ta (oC)
Fig 4. Derating curve
(mounting on glass epoxy PCBs)
1
10
100
0
10
20
30
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
Ct DISPERSION MAP
0
5
10
15
20
25
30
35
40
45
50
AVE:28.2pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
f=1MHz
10
100
1000
10000
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
0
0.1
0.2
0.3
0
0.1
0.2
0.3
0.4
0.5
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
0
5
10
15
20
25
30
AVE:5.60A
8.3ms
Ifsm
1cyc
0
5
10
1
10
100
8.3ms
Ifsm
1cyc
8.3ms
0
5
10
1
10
100
t
Ifsm
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-PR CHARACTERISTICS
0
0.002
0.004
0.006
0.008
0.01
0
5
10
15
20
25
30
DC
D=1/2
Sin(θ=180)
DC
D=1/2
Sin(θ=180)
1ms
IM=10mA
IF=100mA
300us
time
Mounted on epoxy board
25℃
75℃
100℃
125℃
25℃
75℃
100℃
125℃
-25℃
-25℃
FORWARD VOLTAGE:VF(mV)
REVERSE VOLTAGE:VR(V)
0.00001
0.0001
0.001
0.01
0.1
1
0
10
20
30
40
50
0.001
0.01
0.1
1
0
100
200
300
400
500
600



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com