Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR520F Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDR520F
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR520F Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDR520F Datasheet HTML 1Page - First Silicon Co., Ltd FDR520F Datasheet HTML 2Page - First Silicon Co., Ltd FDR520F Datasheet HTML 3Page - First Silicon Co., Ltd FDR520F Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
FDR520F
2012. 05. 22
3/4
Revision No : 0
AMBIENT TEMPERATURE:Ta(℃)
Derating Curve゙(Io-Ta)
CASE TEMPARATURE:Tc(℃)
Derating Curve(Io-Tc)
0
0.1
0.2
0.3
0
25
50
75
100
125
150
0
0.1
0.2
0.3
0
25
50
75
100
125
150
T
Tj=150℃
D=t/T
t
VR
Io
VR=15V
0A
0V
T
Tj=150℃
D=t/T
t
VR
Io
VR=15V
0A
0V
Sin(θ=180)
DC
D=1/2
Sin(θ=180)
DC
D=1/2
Electrical characteristic curves (Ta=25OC)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com