Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FDR521F Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR521F
Description  SCHOTTKY BARRIER DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR521F Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR521F Datasheet HTML 1Page - First Silicon Co., Ltd FDR521F Datasheet HTML 2Page - First Silicon Co., Ltd FDR521F Datasheet HTML 3Page - First Silicon Co., Ltd FDR521F Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
FDR521F
2011. 10. 06
2/4
Revision No : 0
Electrical characteristic curves
FORWARD VOLTAGE:VF(mV)
VF-IF CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-IR CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-Ct CHARACTERISTICS
VF DISPERSION MAP
IR DISPERSION MAP
Ct DISPERSION MAP
IFSM DISRESION MAP
NUMBER OF CYCLES
IFSM-CYCLE CHARACTERISTICS
TIME:t(ms)
IFSM-t CHARACTERISTICS
TIME:t(s)
Rth-t CHARACTERISTICS
AVERAGE RECTIFIED
FORWARD CURRENT:Io(A)
Io-Pf CHARACTERISTICS
REVERSE VOLTAGE:VR(V)
VR-P
R CHARACTERISTICS
0.001
0.01
0.1
1
10
100
1000
0
100
200
300
400
500
600
0.01
0.1
1
10
100
1000
10000
0
10
20
30
1
10
100
0
5
10
15
20
f=1MHz
250
260
270
280
290
300
AVE:270.2mV
Ta=25℃
IF=10mA
n=30pcs
0
5
10
15
20
25
30
Ta=25℃
VR=10V
n=30pcs
AVE:2.017uA
10
11
12
13
14
15
16
17
18
19
20
AVE:17.34pF
Ta=25℃
f=1MHz
VR=0V
n=10pcs
0
5
10
1
10
100
t
Ifsm
0
5
10
15
20
AVE:3.90A
0
5
10
1
10
100
8 3ms
Ifsm
1cyc
8 3ms
10
100
1000
0.001
0.1
10
1000
Rth(j-a)
Rth(j-c)
m
IM=10mA
IF=100mA
300us
time
Mounted on epoxy board
0
0.02
0.04
0.06
0.08
0.1
0
0.1
0.2
0
0.02
0.04
0.06
0.08
0.1
0
10
20
30
Ta=-25℃
Ta=125℃
Ta=25℃
Ta=75℃
Ta=-25℃
Ta=125℃
Ta=75℃
Ta=25℃
8.3ms
Ifsm
1cyc
DC
D=1/2
Sin(θ=180)
Sin(θ=180)
DC
D=1/2



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com