Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD8872 Datasheet(PDF) 3 Page - NEC

Part # UPD8872
Description  (5400 5400) PIXELS x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8872 Datasheet(HTML) 3 Page - NEC

  UPD8872 Datasheet HTML 1Page - NEC UPD8872 Datasheet HTML 2Page - NEC UPD8872 Datasheet HTML 3Page - NEC UPD8872 Datasheet HTML 4Page - NEC UPD8872 Datasheet HTML 5Page - NEC UPD8872 Datasheet HTML 6Page - NEC UPD8872 Datasheet HTML 7Page - NEC UPD8872 Datasheet HTML 8Page - NEC UPD8872 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
Data Sheet S15330EJ3V0DS
3
µ PD8872
PIN CONFIGURATION (Top View)
CCD linear image sensor 22-pin plastic DIP (10.16 mm (400))
•
µ PD8872CY
Caution Connect the No connection pins (NC) to GND.
1
2
3
4
5
6
7
8
9
10
11
NC
No connection
Last stage shift register clock 2
VOUT2
Output signal 2 (Green)
VOUT1
Output signal 1 (Blue)
NC
No connection
1
φ
Shift register clock 1
2
φ
2L
φ
Shift register clock 2
VOUT3
Output signal 3 (Red)
GND
Ground
NC
No connection
NC
No connection
NC
No connection
TG1
φ
Transfer gate clock 1
(for Blue)
TG3
φ
Transfer gate clock 3
(for Red)
Output drain voltage
VOD
Shift register clock 1
1
φ
Shift register clock 2
2
φ
GND
Ground
Reset gate clock
RB
φ
Reset feed-through level clamp clock
CLB
φ
1L
φ
Last stage shift register clock 1
Transfer gate clock 2
(for Green)
TG2
φ
22
21
20
19
18
17
16
15
14
13
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com