Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD8884A Datasheet(PDF) 13 Page - NEC

Part # UPD8884A
Description  (10680 PIXELS x 4 LINES) x 3 COLOR CCD LINEAR IMAGE SENSOR
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD8884A Datasheet(HTML) 13 Page - NEC

Back Button UPD8884A Datasheet HTML 9Page - NEC UPD8884A Datasheet HTML 10Page - NEC UPD8884A Datasheet HTML 11Page - NEC UPD8884A Datasheet HTML 12Page - NEC UPD8884A Datasheet HTML 13Page - NEC UPD8884A Datasheet HTML 14Page - NEC UPD8884A Datasheet HTML 15Page - NEC UPD8884A Datasheet HTML 16Page - NEC UPD8884A Datasheet HTML 17Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 28 page
background image
Data Sheet S17546EJ1V0DS
13
μ PD8884A
TIMING CHART 2-1 (4800 dpi / 2400 dpi, for each color)
t5
t3
t4
90%
10%
90%
10%
90%
10%
10%
10%
90%
t9
t10
t11
t1
t2
t7
t8
t6
t5
t3
t4
t9
t10
t11
t7
t8
t6
td
td
VOS
10%
VOUT
φ CLB
φ RB
φ 2
φ 1
RFTN
Symbol
Min.
Typ.
Max.
Unit
t1, t2
0
30
−
ns
t3
20
100
−
ns
t4
40
150
−
ns
t5, t6
0
10
−
ns
t7
−10
+25
−
ns
t8
20
100
−
ns
t9, t10
0
10
−
ns
t11
10
25
−
ns
td
−
15
−
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com