Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM6063CCW Datasheet(PDF) 13 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6063CCW
Description  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6063CCW Datasheet(HTML) 13 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM6063CCW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6063CCW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6063CCW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6063CCW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6063CCW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM6063CCW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM6063CCW Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM6063CCW Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LM6063CCW Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
TOPWAY
LCD Module User Manual
LM6063CCW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6063CCW-Manual-Rev0.4.DOC
Page: 13 of 13
6
Design and Handling Precaution
1.
The LCD panel is made by glass. Any mechanical shock (eg. dropping form high place)
will damage the LCD module.
2.
Do not add excessive force on the surface of the display, which may cause the Display
color change abnormally.
3.
The polarizer on the LCD is easily get scratched. If possible, do not remove the LCD
protective film until the last step of installation.
4.
Never attempt to disassemble or rework the LCD module.
5.
Only Clean the LCD with Isopropyl Alcohol or Ethyl Alcohol. Other solvents (eg. water)
may damage the LCD.
6.
When mounting the LCD module, make sure that it is free form twisting, warping and
distortion.
7.
Ensure to provide enough space (with cushion) between case and LCD panel to prevent
external force adding on it, or it may cause damage to the LCD or degrade the display
result.
8.
Only hold the LCD module by its side. Never hold LCD module by add force on the heat
seal or TAB.
9.
Never add force to component of the LCD module. It may cause invisible damage or
degrade of the reliability.
10.
LCD module could be easily damaged by static electricity. Be careful to maintain an
optimum anti-static work environment to protect the LCD module.
11.
When peeling off the protective film from LCD, static charge may cause abnormal
display pattern. It is normal and will resume to normal in a short while.
12.
Take care and prevent get hurt by the LCD panel sharp edge.
13.
Never operate the LCD module exceed the absolute maximum ratings.
14.
Keep the signal line as short as possible to prevent noisy signal applying to LCD module.
15.
Never apply signal to the LCD module without power supply.
16.
IC chip (eg. TAB or COG) is sensitive to the light. Strong lighting environment could
possibly cause malfunction. Light sealing structure casing is recommend.
17.
LCD module reliability may be reduced by temperature shock.
18.
When storing the LCD module, avoid exposure to the direct sunlight, high humidity, high
temperature or low temperature. They may damage or degrade the LCD module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com